전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQN25-A2 데이터시트(PDF) 48 Page - List of Unclassifed Manufacturers

부품명 LM3S8730-IQN25-A2
상세설명  Microcontroller
Download  502 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LM3S8730-IQN25-A2 데이터시트(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button LM3S8730-IQN25-A2 Datasheet HTML 44Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A2 Datasheet HTML 45Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A2 Datasheet HTML 46Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A2 Datasheet HTML 47Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A2 Datasheet HTML 48Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A2 Datasheet HTML 49Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A2 Datasheet HTML 50Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A2 Datasheet HTML 51Page - List of Unclassifed Manufacturers LM3S8730-IQN25-A2 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 502 page
background image
5.2.4.1
GPIO Functionality
When the controller is reset with either a POR or RST, the JTAG/SWD port pins default to their
JTAG/SWD configurations. The default configuration includes enabling digital functionality (setting
GPIODEN to 1), enabling the pull-up resistors (setting GPIOPUR to 1), and enabling the alternate
hardware function (setting GPIOAFSEL to 1) for the PB7 and PC[3:0] JTAG/SWD pins.
It is possible for software to configure these pins as GPIOs after reset by writing 0s to PB7 and
PC[3:0]
in the GPIOAFSEL register. If the user does not require the JTAG/SWD port for debugging
or board-level testing, this provides five more GPIOs for use in the design.
Caution – If the JTAG pins are used as GPIOs in a design, PB7 and PC2 cannot have external pull-down
resistors connected to both of them at the same time. If both pins are pulled Low during reset, the
controller has unpredictable behavior. If this happens, remove one or both of the pull-down resistors,
and apply RST or power-cycle the part.
In addition, it is possible to create a software sequence that prevents the debugger from connecting to
the Stellaris
® microcontroller. If the program code loaded into flash immediately changes the JTAG
pins to their GPIO functionality, the debugger may not have enough time to connect and halt the
controller before the JTAG pin functionality switches. This may lock the debugger out of the part. This
can be avoided with a software routine that restores JTAG functionality based on an external or software
trigger.
The commit control registers provide a layer of protection against accidental programming of critical
hardware peripherals. Writes to protected bits of the GPIO Alternate Function Select (GPIOAFSEL)
register (see page 169) are not committed to storage unless the GPIO Lock (GPIOLOCK) register
(see page 179) has been unlocked and the appropriate bits of the GPIO Commit (GPIOCR) register
(see page 180) have been set to 1.
Recovering a "Locked" Device
If software configures any of the JTAG/SWD pins as GPIO and loses the ability to communicate
with the debugger, there is a debug sequence that can be used to recover the device. Performing
a total of ten JTAG-to-SWD and SWD-to-JTAG switch sequences while holding the device in reset
mass erases the flash memory. The sequence to recover the device is:
1.
Assert and hold the RST signal.
2.
Perform the JTAG-to-SWD switch sequence.
3.
Perform the SWD-to-JTAG switch sequence.
4.
Perform the JTAG-to-SWD switch sequence.
5.
Perform the SWD-to-JTAG switch sequence.
6.
Perform the JTAG-to-SWD switch sequence.
7.
Perform the SWD-to-JTAG switch sequence.
8.
Perform the JTAG-to-SWD switch sequence.
9.
Perform the SWD-to-JTAG switch sequence.
10. Perform the JTAG-to-SWD switch sequence.
11. Perform the SWD-to-JTAG switch sequence.
September 02, 2007
48
Preliminary
JTAG Interface


유사한 부품 번호 - LM3S8730-IQN25-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S8730-IQN25-A2 TI-LM3S8730-IQN25-A2 Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
LM3S8730-IQN25-A2T TI-LM3S8730-IQN25-A2T Datasheet
4Mb / 551P
[Old version datasheet]   Stellaris짰 LM3S8730 Microcontroller
More results

유사한 설명 - LM3S8730-IQN25-A2

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com