전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA30 데이터시트(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

부품명 SA30
상세설명  SILICON BIDIRECTIONAL DIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YANGJIE [Yangzhou yangjie electronic co., ltd]
홈페이지  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA30 데이터시트(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SA30 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA30 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA30 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA30 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SA5.0 THRU SA170A
Features
*500W Peak pulse power capability
*Excellent clamping capability
*Low incremental surge resistance
*Fast response time:Typically less than 1.0ps from 0v to
VBR for unidirection and 5.0 ns for bidirectional types.
Mechanical Data
*Cases:Molded plastic
*Epoxy:UL94V-0 rate flame retardant
*Lead:Axial leads,solderable per MIL- STD-202,
Method 208 guaranteed
*Polarity:Color band denotes cathode except Bipolar
*Mounting position:Any
*Weight:0.40 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Peak Power Dissipation (Note 1)
Peak Pulse reverse current (Note 1)
Steady State Power Dissipation (Note 2)
Peak Forward Surge Current (Note 3)
Maximum Instaneous Forward Voltage at
50.0A for Unidirectional Only
Operating and Storage Temperature Range
NOTES: 1. 10/1000us waveform Non-repetitive Current Pulse Per Fig.3 and Derated above TA=25oC Per Fig.2.
2.T1=75oC,lead lengths 9.5mm, Mounted on Copper Pad Area of (40 x40 mm) Fig.5
3.Measured on 8.3ms Single Half Sine-Wave or Equivalent Square Wave,Duty Cycle=4 Pulses Per Minute Maximun.
Devices for Bipolar Applications
1.For Bidirectional Use C or CA Suffix for Types SA5.0 thru types SA170 (e.g.SA5.0C,SA170CA)
2.Electrical Characteristics Apply in Both Directions.
Value
Units
PPPM
IPPM
PM(AV)
IFSM
VF
TJ,TSTG
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.140(3.6)
.104(2.6)
DIA.
Dimensions in inches and (millimeters)
.034(.9)
.028(.7)
DIA.
Minimun 500
See Table
1.0
70
3.5
-55~+175
W
A
W
A
V
0
C


유사한 부품 번호 - SA30

제조업체부품명데이터시트상세설명
logo
Chongqing Pingwei Enter...
SA30 CHONGQING-SA30 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA30 LUGUANG-SA30 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SA30 YANGJIE-SA30 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

유사한 설명 - SA30

제조업체부품명데이터시트상세설명
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
   SILICON BIDIRECTIONAL DIACS
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
   Silicon Bidirectional Diacs
logo
Diode Semiconductor Kor...
DB3M DSK-DB3M Datasheet
88Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
LLDB3 DSK-LLDB3 Datasheet
481Kb / 2P
   SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com