전자부품 데이터시트 검색엔진 |
|
SN74AHCT16374 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
SN74AHCT16374 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 13 page SN54AHCT16374, SN74AHCT16374 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS SCLS337I – MARCH 1996 – REVISED FEBRUARY 2000 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHCT16374 SN74AHCT16374 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT f CL = 15 pF 90* 140* 80* 110 MHz fmax CL = 50 pF 85 130 75 75 MHz tPLH CLK Q CL =15 pF 6.5* 9.4* 1* 10.5* 1 10.5 ns tPHL CLK Q CL = 15 pF 6.5* 9.4* 1* 10.5* 1 10.5 ns tPZH OE Q CL =15 pF 6.5* 9.5* 1* 10.5* 1 10.5 ns tPZL OE Q CL = 15 pF 6.5* 9.5* 1* 10.5* 1 10.5 ns tPHZ OE Q CL =15 pF 6.2* 10.2* 1* 11* 1 11 ns tPLZ OE Q CL = 15 pF 6.2* 10.2* 1* 11* 1 11 ns tPLH CLK Q CL =50 pF 7.3 10.4 1 11.5 1 11.5 ns tPHL CLK Q CL = 50 pF 7.1 10.4 1 11.5 1 11.5 ns tPZH OE Q CL =50 pF 6.2 10.5 1 11.5 1 11.5 ns tPZL OE Q CL = 50 pF 5.1 10.5 1 11.5 1 11.5 ns tPHZ OE Q CL =50 pF 7.1 11.2 1 12 1 12 ns tPLZ OE Q CL = 50 pF 7.9 11.2 1 12 1 12 ns tsk(o) CL = 50 pF 1** 1 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. ** On products compliant to MIL-PRF-38535, this parameter does not apply. noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4) PARAMETER SN74AHCT16374 UNIT PARAMETER MIN TYP MAX UNIT VOL(P) Quiet output, maximum dynamic VOL 0.36 0.8 V VOL(V) Quiet output, minimum dynamic VOL –0.1 –0.8 V VOH(V) Quiet output, minimum dynamic VOH 4.7 V VIH(D) High-level dynamic input voltage 2 V VIL(D) Low-level dynamic input voltage 0.8 V NOTE 4: Characteristics are for surface-mount packages only. operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 27 pF PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
유사한 부품 번호 - SN74AHCT16374 |
|
유사한 설명 - SN74AHCT16374 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |