전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2W02G 데이터시트(PDF) 2 Page - TAITRON Components Incorporated

부품명 2W02G
상세설명  2A Glass Passivated Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

2W02G 데이터시트(HTML) 2 Page - TAITRON Components Incorporated

  2W02G Datasheet HTML 1Page - TAITRON Components Incorporated 2W02G Datasheet HTML 2Page - TAITRON Components Incorporated 2W02G Datasheet HTML 3Page - TAITRON Components Incorporated 2W02G Datasheet HTML 4Page - TAITRON Components Incorporated 2W02G Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A/AH 2008-01-22
www.taitroncomponents.com
Page 2 of 5
2A Glass Passivated Bridge Rectifier
2W005G – 2W10G
Fig.1- Derating Curve Output
Rectified Current
Ambient Temperature (°C)
Symbols
Parameter
2W
005G
2W
01G
2W
02G
2W
04G
2W
06G
2W
08G
2W
10G
Unit
Conditions
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.1
V
IF=2.0A
5.0
TA=25°C
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per leg
500
µA
TA=125°C
CJ
Typical Junction Capacitance
per leg
40
20
pF
VR=4V, f=1MHz
RθJA
40
RθJL
Typical Thermal Resistance per
leg
15
˚C/W
Note 1
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to 150
˚C
Note: 1. Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead
length P.C.B. mounting.
Rating and Characteristic Curves
Fig.2-Maximum Non-Repetitive Peak
Forward Surge Current per leg
Number of Cycles at 60 Hz


유사한 부품 번호 - 2W02G

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
2W02G ZOWIE-2W02G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
2W02G MIC-2W02G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W02G JGD-2W02G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
2W02G SECOS-2W02G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Fairchild Semiconductor
2W02G FAIRCHILD-2W02G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
More results

유사한 설명 - 2W02G

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
GBP2005 FRONTIER-GBP2005 Datasheet
177Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
GBP2005G FRONTIER-GBP2005G Datasheet
178Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005G FRONTIER-KBP2005G Datasheet
144Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
ABS20M TSC-ABS20M Datasheet
212Kb / 4P
   2A, 1000V Glass Passivated Bridge Rectifier
ABS20M-T TSC-ABS20M-T Datasheet
211Kb / 4P
   2A, 1000V Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
2KBP005G LUGUANG-2KBP005G Datasheet
206Kb / 1P
   2A Glass Passivated Silicon Bridge Rectifier
logo
Diodes Incorporated
HDS20M DIODES-HDS20M Datasheet
492Kb / 5P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
YBS2001 FS-YBS2001 Datasheet
614Kb / 3P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
FTB1S-20 FS-FTB1S-20 Datasheet
510Kb / 3P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
AiT Semiconductor Inc.
ABS201 AITSEMI-ABS201 Datasheet
517Kb / 5P
   BRIDGE RECTIFIER 2A SURFACE MOUNT GLASS PASSIVATED
REV1.0
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com