전자부품 데이터시트 검색엔진 |
|
1N4703 데이터시트(PDF) 1 Page - TAITRON Components Incorporated |
|
1N4703 데이터시트(HTML) 1 Page - TAITRON Components Incorporated |
1 / 4 page 1N4678~1N4717 ZENER DIODES Zener Diodes Dimensions in inch (mm) Features • 500mW Power Dissipation • High Stability • Zener Voltage from 3.3V to 39V • High temperature soldering guaranteed 265°C/10 seconds /.037" (9.5mm) lead length, • RoHS compliant Mechanical Data Case: DO-35, Molded Glass Terminals: Axial leads, solderable per MIL-STD-202, Method 208 Weight: 0.125 gram Maximum Ratings & Electrical Characteristics (T Ambient=25ºC unless noted otherwise) Symbol Description Value Unit Conditions PD Power Dissipation above 25° C 500 mW VF Forward Voltage 1.5 V IF= 0.1 A TJ Max. Junction Temperature 175 ° C TSTG Storage Temperature Range -65 to +175 ° C Rev. B/WW 2006-08-09 TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com Page 1 of 4 Tel: (800)-247-2232 (800)-TAITRON (661)-257-6060 Fax: (800)-TAITFA (800)-824-8329 (661)-257-6415 |
유사한 부품 번호 - 1N4703 |
|
유사한 설명 - 1N4703 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |