전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX384C62 데이터시트(PDF) 1 Page - TAITRON Components Incorporated

부품명 BZX384C62
상세설명  0.2W Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BZX384C62 데이터시트(HTML) 1 Page - TAITRON Components Incorporated

  BZX384C62 Datasheet HTML 1Page - TAITRON Components Incorporated BZX384C62 Datasheet HTML 2Page - TAITRON Components Incorporated BZX384C62 Datasheet HTML 3Page - TAITRON Components Incorporated BZX384C62 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. B/AH 2008-03-04
BZX384C3V9 - BZX384C75
0.2W Surface Mount Zener Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
0.2W Surface Mount Zener Diodes
Features
• Planar Die construction
• 200mW Power Dissipation
• Zener Voltage 3.9v to 75v
• Ideally Suited for Automated Assembly Processes
• RoHS Compliance
Mechanical Data
Case:
SOD-323F, molded plastic
Epoxy:
Plastic package has UL flammability 94V-0
Terminals:
Solderable per MIL-STD-202G,Method 208
Polarity:
Color band denotes cathode
Approx Weight:
0.0041 grams
Maximum Ratings (T
Ambient=25ºC unless noted otherwise)
Symbol
Description
Value
Unit
Conditions
*Ptot
Power Dissipation
200
mW
Ta=25 °C (Note 1)
IFSM
Peak Forward Surge Current,8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
2.0
A
(Note 2)
TJ
Operating Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
*Rth(j-a)
Thermal Resistance-Junction to Ambient in
free air
650
°C/W
Note: 1. Mounted on 5.0mm²(0.13mm thick ) land areas
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses
per minute maximum
3. *Valid that electrodes are kept at ambient temperature
SOD-323F


유사한 부품 번호 - BZX384C62

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
BZX384C62 EIC-BZX384C62 Datasheet
109Kb / 2P
   ZENER DIODES
logo
SynSemi, Inc.
BZX384C62 SYNSEMI-BZX384C62 Datasheet
102Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZX384C62 VISHAY-BZX384C62 Datasheet
113Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-May-13
logo
SUNMATE electronic Co.,...
BZX384C62 SUNMATE-BZX384C62 Datasheet
481Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
GUANGDONG HOTTECH INDUS...
BZX384C62 HOTTECH-BZX384C62 Datasheet
232Kb / 2P
   Plastic-Encapsulate Diodes
More results

유사한 설명 - BZX384C62

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DZD20 SANYO-DZD20 Datasheet
77Kb / 4P
   0.2W Zener Diodes
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
   0.2W Zener Diodes
logo
Gaomi Xinghe Electronic...
MM5Z2V0 GXELECTRONICS-MM5Z2V0 Datasheet
449Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM5Z2V0 JINGHENG-MM5Z2V0 Datasheet
62Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
MM5Z2V0 JINANJINGHENG-MM5Z2V0 Datasheet
286Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com