전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA317T-XX-AR 데이터시트(PDF) 4 Page - TAITRON Components Incorporated

부품명 LA317T-XX-AR
상세설명  1.0A Adustable Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LA317T-XX-AR 데이터시트(HTML) 4 Page - TAITRON Components Incorporated

  LA317T-XX-AR Datasheet HTML 1Page - TAITRON Components Incorporated LA317T-XX-AR Datasheet HTML 2Page - TAITRON Components Incorporated LA317T-XX-AR Datasheet HTML 3Page - TAITRON Components Incorporated LA317T-XX-AR Datasheet HTML 4Page - TAITRON Components Incorporated LA317T-XX-AR Datasheet HTML 5Page - TAITRON Components Incorporated LA317T-XX-AR Datasheet HTML 6Page - TAITRON Components Incorporated LA317T-XX-AR Datasheet HTML 7Page - TAITRON Components Incorporated LA317T-XX-AR Datasheet HTML 8Page - TAITRON Components Incorporated LA317T-XX-AR Datasheet HTML 9Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1.0A Adjustable Positive Voltage Regulator
Rev. A/DX 2007-06-04
LA317
www.taitroncomponents.com
Page 4 of 9
Fig.1- Dropout Voltage vs. Output Current
Output Current (A)
Fig.3-
Reference Voltage vs. Temperature
Ambient Temperature (° C)
Fig.2- Load Regulation vs. Temperature
Ambient Temperature (° C)
LA317
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
-
15
-
SOT-223
-
10
-
TO-252
-
4.5
-
TO-220
-
Thermal Resistance Junction
to Case
-
4
-
°
C/W
TO-263
-
Thermal Shutdown
-
150
-
° C
Junction Temperature
-
Thermal Shutdown
Hysteresis
° C
-
Note: Maximum Power Dissipation is Package Type and Case Temperature dependent. Pls see Fig.8.
Typical Characteristics Curves
Fig.4- Output Voltage vs. Temperature
Ambient Temperature (° C)


유사한 부품 번호 - LA317T-XX-AR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LA317T-XX-AR ETC2-LA317T-XX-AR Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
More results

유사한 설명 - LA317T-XX-AR

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
LM317 TAITRON-LM317 Datasheet
375Kb / 8P
   Adustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
List of Unclassifed Man...
LA317 ETC2-LA317 Datasheet
436Kb / 9P
   1.0A Adjustable Positive Voltage Regulator
logo
Infineon Technologies A...
IFX7805 INFINEON-IFX7805 Datasheet
1Mb / 18P
   Three Terminal 1.0A Positive Voltage Regulator
Rev. 1.0, 2013-07-15
logo
Tiger Electronic Co.,Lt...
LM7812F TGS-LM7812F Datasheet
266Kb / 1P
   3-Terminal 1.0A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
   1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
   1.0A Low Dropout Positive Voltage Regulator
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
   1.0A Low Dropout Positive Voltage Regulator
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
   1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
   1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com