전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD057-11-21-011 데이터시트(PDF) 1 Page - Advanced Photonix, Inc.

부품명 SD057-11-21-011
상세설명  Red Enhanced Silicon Photodiode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANCEDPHOTONIX [Advanced Photonix, Inc.]
홈페이지  http://www.advancedphotonix.com
Logo ADVANCEDPHOTONIX - Advanced Photonix, Inc.

SD057-11-21-011 데이터시트(HTML) 1 Page - Advanced Photonix, Inc.

  SD057-11-21-011 Datasheet HTML 1Page - Advanced Photonix, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
DESCRIPTION
APPLICATIONS
• Low noise
• Red enhanced
• High shunt resistance
• High response
SYMBOL
PARAMETER
MIN
MAX
UNITS
VBR
Reverse Voltage
75
V
TSTG
Storage Temperature
-55
+150
°C
TO
Operating Temperature
-40
+125
°C
TS
Soldering Temperature*
+240
°C
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ID
Dark Current
VR = 5V
0.5
2.0
nA
RSH
Shunt Resistance
VR = 10 mV
800
MW
VR = 0V, f = 1 MHz
28
CJ
Junction Capacitance
VR = 10V, f = 1 MHz
6
pF
lrange
Spectral Application Range
Spot Scan
350
1100
nm
l= 633nm, VR = 0 V
0.32
0.36
R
Responsivity
l= 900nm, VR = 0 V
0.50
0.55
A/W
VBR
Breakdown Voltage
I = 10 μA
50
V
NEP
Noise Equivalent Power
VR = 5V @ l=950nm
2.8X10
-14
W/ √ Hz
RL = 50 Ω,VR = 0 V
190
tr
Response Time**
RL = 50 Ω,VR = 10 V
13
nS
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Wavelength (nm)
Red Enhanced Silicon Photodiode
SD 057-11-21-011
PACKAGE DIMENSIONS INCH [mm]
TO-46 PACKAGE
The SD 057-11-21-011 is a general purpose silicon
PIN photodiode, red enhanced, packaged in a leaded
hermetic TO-46 metal package.
• Instrumentation
• Industrial
• Medical
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23°C UNLESS OTHERWISE NOTED
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are
subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935 • www.advancedphotonix.com
ABSOLUTE MAXIMUM RATING (TA)= 23°C UNLESS OTHERWISE NOTED
CHIP DIMENSIONS INCH [mm]
.060 [1.52]
SQUARE
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
.051 [1.30] SQUARE
ACTIVE AREA
.100 [2.54]
2X Ø.018 [0.46]
ANODE
CATHODE
.057 [1.44]
Ø .215 [5.46]
Ø .210 [5.33]
VIEWING
2X .500 [12.7] MIN
TO-46 PACKAGE
45°
51°
.145 [3.68]
.160 [4.06]
Ø .152 [3.86]
ANGLE
Ø .156 [3.96]
Ø.181 [4.60]
Ø.187 [4.75]


유사한 부품 번호 - SD057-11-21-011

제조업체부품명데이터시트상세설명
logo
Luna Innovations Incorp...
SD057-11-21-011 LUNA-SD057-11-21-011 Datasheet
197Kb / 2P
   Red Enhanced Silicon Photodiode
More results

유사한 설명 - SD057-11-21-011

제조업체부품명데이터시트상세설명
logo
Luna Innovations Incorp...
SD172-11-21-221 LUNA-SD172-11-21-221 Datasheet
122Kb / 2P
   Red Enhanced Silicon Photodiode
SD200-11-21-241 LUNA-SD200-11-21-241 Datasheet
193Kb / 2P
   Red Enhanced Silicon Photodiode
SD445-11-21-305 LUNA-SD445-11-21-305 Datasheet
164Kb / 2P
   Red Enhanced Silicon Photodiode
logo
Advanced Photonix, Inc.
SD445-11-21-305 ADVANCEDPHOTONIX-SD445-11-21-305 Datasheet
94Kb / 1P
   Red Enhanced Silicon Photodiode
SD172-11-21-221 ADVANCEDPHOTONIX-SD172-11-21-221 Datasheet
97Kb / 1P
   Red Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD057-11-21-011 LUNA-SD057-11-21-011 Datasheet
197Kb / 2P
   Red Enhanced Silicon Photodiode
logo
Advanced Photonix, Inc.
SD100-11-21-221 ADVANCEDPHOTONIX-SD100-11-21-221 Datasheet
98Kb / 1P
   Red Enhanced Silicon Photodiode
SD200-11-21-241 ADVANCEDPHOTONIX-SD200-11-21-241 Datasheet
97Kb / 1P
   Red Enhanced Silicon Photodiode
logo
Luna Innovations Incorp...
SD100-11-21-221 LUNA-SD100-11-21-221 Datasheet
196Kb / 2P
   Red Enhanced Silicon Photodiode
logo
Advanced Photonix, Inc.
SD055-23-21-211 ADVANCEDPHOTONIX-SD055-23-21-211 Datasheet
101Kb / 1P
   Red Enhanced Quad Cell Silicon Photodiode
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com