전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA5817 데이터시트(PDF) 4 Page - TAITRON Components Incorporated

부품명 SMA5817
상세설명  1.0A Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SMA5817 데이터시트(HTML) 4 Page - TAITRON Components Incorporated

  SMA5817 Datasheet HTML 1Page - TAITRON Components Incorporated SMA5817 Datasheet HTML 2Page - TAITRON Components Incorporated SMA5817 Datasheet HTML 3Page - TAITRON Components Incorporated SMA5817 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 4 of 4
SMA5817-SMA5819
1.0A Surface Mount Schottky Barrier Rectifier
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


유사한 부품 번호 - SMA5817

제조업체부품명데이터시트상세설명
logo
SynSemi, Inc.
SMA5817 SYNSEMI-SMA5817 Datasheet
33Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SMA5817

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com