전자부품 데이터시트 검색엔진 |
|
ES51F2C15V-20000M 데이터시트(PDF) 2 Page - Ecliptek Corporation |
|
ES51F2C15V-20000M 데이터시트(HTML) 2 Page - Ecliptek Corporation |
2 / 5 page PAGE1 OF2 SPECIFICATION CONTROL DRAWING Drawing Number CSC26-140-001 Title 5.0V Full Size (VC)TCXO Revision ECN Number Approved By Date Effectivity Date Released By Date A 8159 (Line #1) ECLIPTEK MARKING GUIDE (Line #2) XX.XXXM Frequency (Line #3) XX Y ZZ Week of Year Last Digit of Year NOTE: Pin1 shall be marked witha dot. Marking shall conform to conditions listed in TQC41-001-000. Ecliptek Manufacturing Code (TEN02-001-000) EB51F2- A 10 V 20.000M PART NUMBERING GUIDE PIN 1 7 8 14 CONNECTION No Connect or Voltage Control Ground/Case Ground Output Supply Voltage ALL DIMENSIONS IN MILLIMETERS 15.240 ±0.203 20.3 ±0.5 7.620 ±0.203 13.0 ±0.5 5.08 MIN ∅0.457 ±0.100 (X4) 0.6 MAX 1 7 8 14 ECLIPTEK XX.XXXM XXYZZ Frequency Stability Code Per Table1 Frequency Voltage Control Option V= Voltage Control on Pin1 N= No Connect on Pin1 Operating Temperature Range Code Per Table1 Frequency Range: Frequency Tolerance/Stability: Initial Frequency Tolerance vs. Operating Temperature Range vs. Input Voltage Change vs. Load Change vs. Aging Operating Temperature Range Storage Temperature Range Supply Voltage (V) Input Current (Steady State @25°C) Output Voltage Logic High Output Voltage Logic Low Rise/Fall Time Duty Cycle Load Drive Capabillity Phase Noise (Typical) Frequency Deviation DD Control VoltageRange(V) Control Voltage /TransferFunction Linearity Input Impedance CR 1.544MHz to 44.736MHz ±1ppm (at Nominal Vdd and Vc) See Table1 for Maximum Values ±0.3ppm Maximum (V ±5% ±0.2ppm Maximum (±10%) ±1ppm/year Maximum (@25°C) See Table1 for Operating Temperature Range -55°C to +125°C 5.0Vdc ±5% 15mA Maximum 20.000MHz 30mA Maximum> 20.000MHz V -0.5Vdc Minimum 0.5Vdc Maximum 6nSec (20% to 80% of waveform) 50% ±5% (@ 50% of waveform) 30pF HCMOS Load DD) DD < -60dBc/Hz at 10Hz Offset, -90dBc/Hz at 100Hz Offset, -125dBc/Hz at 1kHz Offset, -135dBc/Hz at 10kHz Offset, -140dBc/Hz at 100kHz Offset, ±7ppm Minimum, ±20ppm Maximum (Referenced to Fo at Vc=2.5Vdc; Vdd=5.0Vdc) 0.0V toV 2.5V ±2.0V / Positive Transfer Characteristic ±10% Maximum 10kOhms Typical DC DD DC DC STANDARD SPECIFICATIONS Fine Leak Test: Gross Leak Test: Mechanical Shock: Vibration: Lead Integrity: Solderability: Temperature Cycling: Resistance to Soldering Heat: Resistance to Solvents: MIL-STD-883, Method 1014, ConditionA MIL-STD-883, Method 1014, ConditionC MIL-STD-202, Method 213, ConditionC MIL-STD-883, Method 2007, ConditionA MIL-STD-883, Method 2004 MIL-STD-883, Method 2002 MIL-STD-883, Method 1010 MIL-STD-202, Method 210 MIL-STD-202, Method 215 ENVIRONMENTAL& MECHANICAL OPERATING TEMPERATURE 15 ±1.5ppm Y X X 20 ±2.0ppm Y Y X X 30 ±3.0ppm Y Y Y Y X 50 ±5.0ppm Y Y Y Y Y FREQUENCY STABILITY X Denotes availability from 1.544MHz to 32.768MHz Y Denotes availability for any valid frequency Range 0°C to +50°C 0°C to +70°C -20°C to +70°C -30°C to +75°C -40°C to +85°C Code A B C D E Code Range TABLE 1: PART NUMBERING CODES 8.3 MAX 09-09-03 OBSOLETE |
유사한 부품 번호 - ES51F2C15V-20000M |
|
유사한 설명 - ES51F2C15V-20000M |