์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

741X043 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - CTS Corporation

๋ถ€ํ’ˆ๋ช… 741X043
์ƒ์„ธ๋‚ด์šฉ  Chip Resistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  CTS [CTS Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.ctscorp.com
Logo 

741X043 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - CTS Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 4 / 5 page
background image
Page 4 of 5
February 2008
CTS Electronic Components
www.ctscorp.com
A
B
C
D
Recommended Land Patterns
Environmental Performance Specifications
Max. Delta R
Test
740
741
742-746
Test Description
Thermal Cycle
1.00% 1.00% 1.00%
5 Cycles -55ยฐC to +125ยฐC
Short Time Overload
2.00% 2.50% 1.00%
2ยฝ X Rated Working Voltage for 5 Seconds
Moisture Resistance
2.00% 5.00% 2.00%
240 Hours 10% rated load, -10ยฐC to +65ยฐC, 90% R.H.
High Temperature Exposure 3.00% 1.00% 1.00%
1000 Hours, no load, +125ยฐC
Load Life
3.00% 5.00% 2.00%
1000 Hours @ 70ยฐC, rated load
Resistance to Solder Heat
1.00% 2.50% 1.00%
10 Seconds @ 260ยฐC solder
Resistance to Solvents
Isopropyl alcohol, Freon TMC
Solderability
RMA Flux, 230ยฐC, 5 Seconds dip, 95% coverage
DIMENSIONS mm/in
SERIES
A
B
C
D
0.60
0.50
0.30
0.30
740
0.023
0.019
0.012
0.012
1.00
0.65
0.33
0.50
741X043
0.039
0.026
0.013
0.020
1.00
0.50
0.30
0.50
741X083
0.039
0.020
0.012
0.020
1.00
0.50
0.28
0.50
741C083
0.039
0.020
0.011
0.020
1.60
0.50
0.30
0.80
741X163
0.063
0.020
0.012
0.031
1.60
0.80
0.50
0.90
742
0.063
0.032
0.020
0.035
2.00
1.27
0.80
1.00
743
0.079
0.050
0.031
0.051
3.20
1.27
0.80
1.00
744
0.126
0.050
0.031
0.039
3.20
1.27
0.90
1.30
745
0.126
0.050
0.035
0.039
1.65
0.64
0.35
0.80
746
0.065
0.025
0.014
0.032


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
BCNThick Film Chip Resistor Arrays 1 2 3 4 5 MoreBi technologies
WNCRChip Resistor Arrays 1 2 Welwyn Components Limited
NRSNChip Resistor Arrays/Networks 1 2 3 NIC-Components Corp.
RL2512JThick Film Chip Resistor Low Ohmic 1 2 3 4 5 MoreTAITRON Components Incorporated
KTR10_1Endured high voltage fixed thick film chip resistor 1 2 3 4 5 MoreRohm
BB1110RCResistor capacitor network Thick film resistors Ceramic chip capacitors 1 2 Bi technologies
ACAC0612Flat Chip Resistor Array 1 2 3 4 5 Vishay Siliconix
PFCHFHigh Frequency Chip Resistor Terminators 1 2 3 Welwyn Components Limited
MNR02_1Chip resistor networks 1 2 3 4 5 MoreRohm
EXBV8V472JV_1Chip Resistor Array 1 2 3 4 5 Panasonic Semiconductor

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn