전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAX567K02513 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 TAX567K02513
상세설명  Commercial Types TAT for CLR79 and TAX for CLR81
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TAX567K02513 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  TAX567K02513 Datasheet HTML 1Page - List of Unclassifed Manufacturers TAX567K02513 Datasheet HTML 2Page - List of Unclassifed Manufacturers TAX567K02513 Datasheet HTML 3Page - List of Unclassifed Manufacturers TAX567K02513 Datasheet HTML 4Page - List of Unclassifed Manufacturers TAX567K02513 Datasheet HTML 5Page - List of Unclassifed Manufacturers TAX567K02513 Datasheet HTML 6Page - List of Unclassifed Manufacturers TAX567K02513 Datasheet HTML 7Page - List of Unclassifed Manufacturers TAX567K02513 Datasheet HTML 8Page - List of Unclassifed Manufacturers TAX567K02513 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Wet Tantalum - CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Operating Temperature:
-55°C to +125°C, with voltage derating above 85°C,
(Max voltage at 125ºC is 2/3 of the value at 85ºC)
Working Voltage:
6 to 125 WVdc
Tolerance:
±10%, ±20%, ±5%
Capacitance:
1.7 to 2200 µF
Key Features
Three volts reverse voltage capability
High ripple current capability
Tantalum case
Hermetically sealed
Low ESR, Low DCL
Extended range on TAX (M39006/25)
Standard high vibration and shock requirements on MIL type
Applications
• Filtering, bypass, coupling, energy storage
• Low source impedance circuits
• High charging current circuits
Outline Dimensions
Military Types CLR79 and CLR81 and CDE’s commercial
equivalent TAT and TAX, all with Teflon inner-seal, glass-to-
metal hermetic outer-seal, tantalum case construction, have higher
ripple current capability and are more reliable than silver case
units with their risk of short circuit failure from silver whiskers.
The tantalum case with its sintered and anodized cathode
connection affords a 3 V reverse voltage capability, and dc leakage
current as little as 2 µA at 125º C.
Commercial Types TAT for CLR79 and TAX for CLR81
General Specifications


유사한 설명 - TAX567K02513

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
300074 VISHAY-300074 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Designed and qualified for commercial level
Revision: 09-Sep-11
logo
Panasonic Semiconductor
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Panasonic Semiconductor
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com