전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLH-X1W8-ZIKK 데이터시트(PDF) 5 Page - TAITRON Components Incorporated

부품명 TLH-X1W8-ZIKK
상세설명  Super Bright LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TLH-X1W8-ZIKK 데이터시트(HTML) 5 Page - TAITRON Components Incorporated

  TLH-X1W8-ZIKK Datasheet HTML 1Page - TAITRON Components Incorporated TLH-X1W8-ZIKK Datasheet HTML 2Page - TAITRON Components Incorporated TLH-X1W8-ZIKK Datasheet HTML 3Page - TAITRON Components Incorporated TLH-X1W8-ZIKK Datasheet HTML 4Page - TAITRON Components Incorporated TLH-X1W8-ZIKK Datasheet HTML 5Page - TAITRON Components Incorporated TLH-X1W8-ZIKK Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SUPER BRIGHT LED
Rev. A/WW 2006-03-26
www.taitroncomponents.com
Page 5 of 6
TLH-X1W8-ZIKK
Series Number
Factory Location
Taitron LED Super Bright
Water Clear
Super Flux
Yellow
Lead Free Tape & Reel
7=7˝ reel
Size in mm
Ordering Information
TLH -X 1 W 8 -ZIKK -88-TR70
Code of Luminous Flux
Code
Min.
Max.
Unit
Condition
E
2750
3850
F
3850
5400
mlm
IF=70mA


유사한 부품 번호 - TLH-X1W8-ZIKK

제조업체부품명데이터시트상세설명
logo
Tadiran Batteries GmbH
TLH-2450 TADIRN-TLH-2450 Datasheet
359Kb / 1P
   Extended temperature range
TLH-2450P TADIRN-TLH-2450P Datasheet
359Kb / 1P
   Extended temperature range
logo
List of Unclassifed Man...
TLH-5903 ETC2-TLH-5903 Datasheet
126Kb / 1P
   TADIRAN LITHIUM BATTERIES
logo
TAITRON Components Inco...
TLH-Q1W8-ZIKK TAITRON-TLH-Q1W8-ZIKK Datasheet
261Kb / 6P
   Super Bright LED
TLH-Q1W8-ZIKK-88-TR70 TAITRON-TLH-Q1W8-ZIKK-88-TR70 Datasheet
261Kb / 6P
   Super Bright LED
More results

유사한 설명 - TLH-X1W8-ZIKK

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
3803X ETC1-3803X Datasheet
88Kb / 7P
   SUPER BRIGHT LED
logo
TAITRON Components Inco...
TLH-Q1W8-ZIKK TAITRON-TLH-Q1W8-ZIKK Datasheet
261Kb / 6P
   Super Bright LED
logo
NTE Electronics
NTE30125 NTE-NTE30125 Datasheet
55Kb / 2P
   Super Bright LED Indicator Super Bright Pink, 3mm
logo
List of Unclassifed Man...
RLS-5W-200-S ETC2-RLS-5W-200-S Datasheet
36Kb / 1P
   SUPER BRIGHT WHITE LED
logo
Roithner LaserTechnik G...
B5-433-B525 ROITHNER-B5-433-B525 Datasheet
158Kb / 3P
   Super bright LED Lamp
B5-230-JD ROITHNER-B5-230-JD Datasheet
109Kb / 3P
   Super bright LED Lamp
logo
Elite Enterprises (H.K....
EL-5R241-B4 ELITE-EL-5R241-B4 Datasheet
225Kb / 1P
   SUPER-BRIGHT TYPE LED
EL-5R641 ELITE-EL-5R641 Datasheet
207Kb / 1P
   SUPER-BRIGHT TYPE LED
logo
Roithner LaserTechnik G...
B3B-443-B505 ROITHNER-B3B-443-B505 Datasheet
125Kb / 3P
   super bright led lamp
B5-43SUN-JD ROITHNER-B5-43SUN-JD Datasheet
195Kb / 3P
   super bright led lamp
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com