전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW35NC120HD 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STGW35NC120HD
상세설명  35 A - 1200 V - very fast IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NC120HD 데이터시트(HTML) 5 Page - STMicroelectronics

  STGW35NC120HD Datasheet HTML 1Page - STMicroelectronics STGW35NC120HD Datasheet HTML 2Page - STMicroelectronics STGW35NC120HD Datasheet HTML 3Page - STMicroelectronics STGW35NC120HD Datasheet HTML 4Page - STMicroelectronics STGW35NC120HD Datasheet HTML 5Page - STMicroelectronics STGW35NC120HD Datasheet HTML 6Page - STMicroelectronics STGW35NC120HD Datasheet HTML 7Page - STMicroelectronics STGW35NC120HD Datasheet HTML 8Page - STMicroelectronics STGW35NC120HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STGW35NC120HD
Electrical characteristics
5/13
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 960 V, IC = 20 A
RG= 10 Ω, VGE= 15 V,
(see Figure 17)
29
11
1820
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 960 V, IC = 20 A
RG= 10 Ω, VGE= 15 V,
TC=125 °C (see Figure 17)
27
14
1580
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 960 V, IC = 20 A
RG= 10 Ω, VGE= 15 V,
(see Figure 17)
90
275
312
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 960 V, IC = 20 A
RG= 10 Ω, VGE= 15 V,
TC=125 °C (see Figure 17)
150
336
592
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon (1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in
a package with a co-pack diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 960 V, IC = 20 A
RG= 10 Ω, VGE= 15 V,
(see Figure 17)
1660
4438
6098
µJ
µJ
µJ
Eon (1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 960 V, IC = 20 A
RG= 10 Ω, VGE= 15 V,
TC=125 °C (see Figure 17)
3015
6900
9915
µJ
µJ
µJ
Table 8.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on-voltage
IF = 20 A
IF = 20 A, TC = 125 °C
1.9
1.7
2.5
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 20 A, VR = 27 V,
TC=125 °C, di/dt = 100 A/µs
(see Figure 20)
152
722
9
ns
nC
A


유사한 부품 번호 - STGW35NC120HD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
More results

유사한 설명 - STGW35NC120HD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
   30 A - 1200 V - very fast IGBT
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
   7 A, 1200 V very fast IGBT
June 2012
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
   30 A - 1200 V - very fast IGBT
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
   7 A, 1200 V very fast IGBT with ultrafast diode
January 2011 Rev 4
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGW38IH130D STMICROELECTRONICS-STGW38IH130D Datasheet
822Kb / 17P
   33 A - 1300 V - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com