전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3A44159RSVR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3A44159RSVR
상세설명  0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159RSVR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TS3A44159RSVR Datasheet HTML 5Page - Texas Instruments TS3A44159RSVR Datasheet HTML 6Page - Texas Instruments TS3A44159RSVR Datasheet HTML 7Page - Texas Instruments TS3A44159RSVR Datasheet HTML 8Page - Texas Instruments TS3A44159RSVR Datasheet HTML 9Page - Texas Instruments TS3A44159RSVR Datasheet HTML 10Page - Texas Instruments TS3A44159RSVR Datasheet HTML 11Page - Texas Instruments TS3A44159RSVR Datasheet HTML 12Page - Texas Instruments TS3A44159RSVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TS3A44159
www.ti.com ......................................................................................................................................................... SCDS225A – MARCH 2007 – REVISED JUNE 2008
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
2.5 V
2.6
47
VCOM = V+,
Turn-on time
tON
CL = 35 pF
ns
2.3 V to
RL = 50 Ω,
Full
50
2.7 V
25°C
2.5 V
16.5
34
VCOM = V+,
Turn-off time
tOFF
CL = 35 pF
ns
2.3 V to
RL = 50 Ω,
Full
35
2.7 V
25°C
2.5 V
4
15
35
Break-before-
VNC = VNO = V+,
tBBM
CL = 35 pF
ns
2.3 V to
make time
RL = 50 Ω,
Full
3
35
2.7 V
VGEN = 0,
Charge injection
QC
CL = 1 nF
25°C
2.5 V
84
pC
RGEN = 0,
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
See Figure 19
25°C
2.5 V
52
pF
OFF capacitance
CNO(OFF)
Switch OFF,
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 19
25°C
2.5 V
163
pF
ON capacitance
CNO(ON)
Switch OFF,
COM
CCOM(ON)
VCOM = V+ or GND,
See Figure 19
25°C
2.5 V
163
pF
ON capacitance
Digital input
CI
VI = V+ or GND
25°C
2.5 V
2.5
pF
capacitance
Bandwidth
BW
RL = 50 Ω,
Switch ON
25°C
2.5 V
35
MHz
RL = 50 Ω,
OFF isolation
OISO
Switch OFF
25°C
2.5 V
–71
dB
f = 100 kHz,
RL = 50 Ω,
Crosstalk
XTALK
Switch ON
25°C
2.5 V
–73
dB
f = 100 kHz,
Total harmonic
RL = 600 Ω,
THD
f = 20 Hz to 20 kHz
25°C
2.5 V
0.009
%
distortion
CL = 50 pF,
Supply
25°C
0.004
0.1
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.5 V
µA
current
Full
0.5
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS3A44159


유사한 부품 번호 - TS3A44159RSVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A44159RSVR TI-TS3A44159RSVR Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159RSVR TI-TS3A44159RSVR Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159RSVR TI1-TS3A44159RSVR Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159RSVRG4 TI-TS3A44159RSVRG4 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
More results

유사한 설명 - TS3A44159RSVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_15 Datasheet
1Mb / 35P
[Old version datasheet]   TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
TS3A44159-DIE TI-TS3A44159-DIE_15 Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com