전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM2487EBRWZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADM2487EBRWZ
상세설명  2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM2487EBRWZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADM2487EBRWZ Datasheet HTML 5Page - Analog Devices ADM2487EBRWZ Datasheet HTML 6Page - Analog Devices ADM2487EBRWZ Datasheet HTML 7Page - Analog Devices ADM2487EBRWZ Datasheet HTML 8Page - Analog Devices ADM2487EBRWZ Datasheet HTML 9Page - Analog Devices ADM2487EBRWZ Datasheet HTML 10Page - Analog Devices ADM2487EBRWZ Datasheet HTML 11Page - Analog Devices ADM2487EBRWZ Datasheet HTML 12Page - Analog Devices ADM2487EBRWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADM2482E/ADM2487E
Rev. 0 | Page 9 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
ADM2482E/
ADM2487E
TOP VIEW
(Not to Scale)
D1 1
D2 2
GND1 3
VDD1 4
VDD2
16
GND2
15
A
14
B
13
RxD 5
Z
12
RE 6
Y
11
DE 7
NC
10
TxD 8
GND2
9
Figure 13. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D1
Transformer Driver Terminal 1.
2
D2
Transformer Driver Terminal 2.
3
GND1
Ground, Logic Side.
4
VDD1
Power Supply, Logic Side (3.3 V or 5 V). Decoupling capacitor to GND1 required; capacitor value should be
between 0.01 μF and 0.1 μF.
5
RxD
Receiver Output Data. This output is high when (A – B) > +200 mV and low when (A – B) < –200 mV. The
output is tristated when the receiver is disabled, that is, when RE is driven high.
6
RE
Receiver Enable Input. This is an active-low input. Driving this input low enables the receiver; driving it high
disables the receiver.
7
DE
Driver Enable Input. Driving this input high enables the driver; driving it low disables the driver.
8
TxD
Transmit Data.
9
GND2
Ground, Bus Side.
10
NC
No Connect. This pin must be left floating.
11
Y
Driver Noninverting Output.
12
Z
Driver Inverting Output.
13
B
Receiver Inverting Input.
14
A
Receiver Noninverting Input.
15
GND2
Ground, Bus Side.
16
VDD2
Power Supply, Bus Side (Isolated 3.3 V Supply). Decoupling capacitor to GND2 required; capacitor value should be
between 0.01 μF and 0.1 μF.


유사한 부품 번호 - ADM2487EBRWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2487EBRWZ AD-ADM2487EBRWZ Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
ADM2487EBRWZ-REEL7 AD-ADM2487EBRWZ-REEL7 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
More results

유사한 설명 - ADM2487EBRWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2482E AD-ADM2482E_V01 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Texas Instruments
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com