전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP120CB-1.5-EVALZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADP120CB-1.5-EVALZ
상세설명  100 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP120CB-1.5-EVALZ 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADP120CB-1.5-EVALZ Datasheet HTML 4Page - Analog Devices ADP120CB-1.5-EVALZ Datasheet HTML 5Page - Analog Devices ADP120CB-1.5-EVALZ Datasheet HTML 6Page - Analog Devices ADP120CB-1.5-EVALZ Datasheet HTML 7Page - Analog Devices ADP120CB-1.5-EVALZ Datasheet HTML 8Page - Analog Devices ADP120CB-1.5-EVALZ Datasheet HTML 9Page - Analog Devices ADP120CB-1.5-EVALZ Datasheet HTML 10Page - Analog Devices ADP120CB-1.5-EVALZ Datasheet HTML 11Page - Analog Devices ADP120CB-1.5-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP120
Rev. A | Page 8 of 20
0.35
0
0.05
0.10
–50
–25
0
25
50
75
100
125
0.15
0.20
0.25
0.30
TEMPERATURE (°C)
2.30V
2.50V
3.00V
3.50V
4.20V
5.50V
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
120
80
100
60
40
20
0
1
10
100
ILOAD (mA)
TA = 25°C
VOUT = 2.5V
VOUT = 3.3V
Figure 12. Dropout Voltage vs. Load Current, TSOT, VOUT = 2.5 V and 3.3 V
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.20
3.40
3.35
3.30
3.25
3.60
3.55
3.50
3.45
VIN (V)
VOUT @ 1mA
VOUT @ 10mA
VOUT @ 20mA
VOUT @ 50mA
VOUT @ 100mA
Figure 13. Output Voltage vs. Input Voltage (in Dropout), TSOT, VOUT = 3.3 V
90
80
70
60
50
40
30
20
10
0
1
10
100
ILOAD (mA)
TA = 25°C
VOUT = 2.5V
VOUT = 3.3V
Figure 14. Dropout Voltage vs. Load Current, WLCSP, VOUT = 2.5 V and 3.3 V
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.20
3.40
3.35
3.30
3.25
3.60
3.55
3.50
3.45
VIN (V)
VOUT @ 1mA
VOUT @ 10mA
VOUT @ 20mA
VOUT @ 50mA
VOUT @ 100mA
Figure 15. Output Voltage vs. Input Voltage (in Dropout), WLCSP, VOUT = 3.3 V
60
50
40
30
20
10
0
3.20
3.40
3.35
3.30
3.25
3.60
3.55
3.50
3.45
VIN (V)
ILOAD @ 1mA
ILOAD @ 10mA
ILOAD @ 20mA
ILOAD @ 50mA
ILOAD @ 100mA
Figure 16. Ground Current vs. Input Voltage (in Dropout)


유사한 부품 번호 - ADP120CB-1.5-EVALZ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ADP1201 ETC-ADP1201 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

유사한 설명 - ADP120CB-1.5-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com