전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP121CB-1.8-EVALZ 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADP121CB-1.8-EVALZ
상세설명  150 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP121CB-1.8-EVALZ 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADP121CB-1.8-EVALZ Datasheet HTML 7Page - Analog Devices ADP121CB-1.8-EVALZ Datasheet HTML 8Page - Analog Devices ADP121CB-1.8-EVALZ Datasheet HTML 9Page - Analog Devices ADP121CB-1.8-EVALZ Datasheet HTML 10Page - Analog Devices ADP121CB-1.8-EVALZ Datasheet HTML 11Page - Analog Devices ADP121CB-1.8-EVALZ Datasheet HTML 12Page - Analog Devices ADP121CB-1.8-EVALZ Datasheet HTML 13Page - Analog Devices ADP121CB-1.8-EVALZ Datasheet HTML 14Page - Analog Devices ADP121CB-1.8-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP121
Rev. 0 | Page 11 of 20
THEORY OF OPERATION
The ADP121 is a low quiescent current, low dropout linear
regulators that operate from 2.3 V to 5.5 V and provide up
to 150 mA of output current. Drawing a low 30 μA quiescent
current (typical) at full load makes the ADP121 ideal for battery-
operated portable equipment. Shutdown current consumption
is typically 100 nA.
Optimized for use with small 1 μF ceramic capacitors,
the ADP121 provides excellent transient performance.
0.8V REFERENCE
SHORT CIRCUIT,
UVLO, AND
THERMAL
PROTECT
SHUTDOWN
R1
R2
VOUT
VIN
GND
EN
Figure 27. Internal Block Diagram
Internally, the ADP121 consists of a reference, an error amplifier,
a feedback voltage divider, and a PMOS pass transistor. Output
current is delivered via the PMOS pass device, which is con-
trolled by the error amplifier. The error amplifier compares the
reference voltage with the feedback voltage from the output and
amplifies the difference. If the feedback voltage is lower than
the reference voltage, the gate of the PMOS device is pulled
lower, allowing more current to flow and increasing the output
voltage. If the feedback voltage is higher than the reference
voltage, the gate of the PMOS device is pulled higher, allowing
less current to flow and decreasing the output voltage.
The ADP121 is available in 16 output voltage options ranging
from 1.2 V to 3.3 V. The ADP121 uses the EN pin to enable and
disable the VOUT pin under normal operating conditions.
When EN is high, VOUT turns on; when EN is low, VOUT
turns off. For automatic startup, EN can be tied to VIN.


유사한 부품 번호 - ADP121CB-1.8-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP121CB-1.8-EVALZ AD-ADP121CB-1.8-EVALZ Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
More results

유사한 설명 - ADP121CB-1.8-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com