전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM4961 데이터시트(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

부품명 AM4961
상세설명  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4961 데이터시트(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4961 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4961 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4961 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4961 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4961 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4961 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4961 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM4961 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM4961 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
9
Jun. 2008 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Typical Performance Characteristics
-50
0
50
100
150
200
0
4
8
12
16
20
V
CC
=12V
Rotation Mode
T
A
(
OC)
4
46
8
810
12
12
14
16
16
18
0
4
8
12
16
20
V
CC
(V)
T
A
=25
OC
Rotation Mode
Figure 4.Quiescent Current vs. Ambient Temperature
Figure 5. Quiescent Current vs. Supply Voltage
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
I
OUT
(mA)
V
CC
=12V
Figure 6.
Output Saturation Voltage (High) vs. Output Current
Figure 7. Output Saturation Voltage (Low) vs. Output Current
0
200
400
600
800
1000
0.0
0.5
1.0
1.5
2.0
I
OUT
(mA)
V
CC
=12V


유사한 부품 번호 - AM4961

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961A DIODES-AM4961A Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
AM4961AGHTR-G1 DIODES-AM4961AGHTR-G1 Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
AM4961AGSTR-G1 DIODES-AM4961AGSTR-G1 Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
AM4961GH DIODES-AM4961GH Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

유사한 설명 - AM4961

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com