전자부품 데이터시트 검색엔진 |
|
AM4967GS-E1 데이터시트(PDF) 5 Page - BCD Semiconductor Manufacturing Limited |
|
AM4967GS-E1 데이터시트(HTML) 5 Page - BCD Semiconductor Manufacturing Limited |
5 / 15 page 5 BCD Semiconductor Manufacturing Limited Preliminary Datasheet ADJUSTABLE-SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER FOR MOTOR AM4967 Jun. 2008 Rev. 1. 1 VPWM, VMIN COSC HIN- HIN+ OUT1 OUT1B OUT2 OUT2B Mode LH H L L L OFF H OUT1 OUT2 (Driver) L H OFF H L L OUT2 OUT1 (Driver) HL HL OFF L OFF H Regenerative LH OFF H OFF L HIN- HIN+ CT OUT1 OUT1B OUT2 OUT2B FG/RD Mode HL L L L OFF H L OUT1 OUT2 (Driver) L H OFF H L L OFF OUT2 OUT1 (Driver) HL H OFF L OFF H L Lock Protection L H OFF H OFF L OFF Truth Table Package Temperature Range Part Number Marking ID Packing Type Lead Free Green Lead Free Green SSOP-16 -30 to 105oC AM4967GS-E1 AM4967GS-G1 AM4967GS AM4967GS-G1 Tube AM4967GSTR-E1 AM4967GSTR-G1 AM4967GS AM4967GS-G1 Tape & Reel AM4967RGS-E1 AM4967RGS-G1 AM4967RGS AM4967RGS-G1 Tube AM4967RGSTR-E1 AM4967RGSTR-G1 AM4967RGS AM4967RGS-G1 Tape & Reel Circuit Type Package GS: SSOP-16 E1: Lead Free AM4967 - TR: Tape and Reel Blank: Tube Ordering Information 1. Driver-lock. VOSC is High, VPWM, VVMIN and VLS are low. R: RD Blank: FG Pin 8 2. Speed control. VCT, VLS are low. G1: Green BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green package. |
유사한 부품 번호 - AM4967GS-E1 |
|
유사한 설명 - AM4967GS-E1 |