전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LS197 데이터시트(PDF) 6 Page - Motorola, Inc

부품명 SN74LS197
상세설명  4-STAGE PRESETTABLE RIPPLE COUNTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS197 데이터시트(HTML) 6 Page - Motorola, Inc

  SN74LS197 Datasheet HTML 1Page - Motorola, Inc SN74LS197 Datasheet HTML 2Page - Motorola, Inc SN74LS197 Datasheet HTML 3Page - Motorola, Inc SN74LS197 Datasheet HTML 4Page - Motorola, Inc SN74LS197 Datasheet HTML 5Page - Motorola, Inc SN74LS197 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5-6
FAST AND LS TTL DATA
SN54/74LS196
• SN54/74LS197
AC WAVEFORMS
Pn
tW
tPHL
tPLH
1.3 V
1.3 V
PL
Qn
tW
tPHL
1.3 V
1.3 V
1.3 V
trec
PL OR MR
CP
Q
CP
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPLH
tW(H)
Q
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
1.3 V
1.3 V
1.3 V
tPHL
tPLH
Pn
Qn
NOTE: PL = LOW
1.3 V
1.3 V
1.3 V
1.3 V
Pn*
PL
Qn*
ts(H)
ts(L)
th(H)
th(L)
* The shaded areas indicate when the input is permitted
* to change for predictable output performance
Q = P
Q = P


유사한 부품 번호 - SN74LS197

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LS197 TI-SN74LS197 Datasheet
779Kb / 17P
[Old version datasheet]   50/30/100-MHz [RESETTABLE DECADE OR BINARY COUNTERS/LATCHES
logo
Motorola, Inc
SN74LS197D MOTOROLA-SN74LS197D Datasheet
227Kb / 6P
   4-STAGE PRESETTABLE RIPPLE COUNTERS
logo
Texas Instruments
SN74LS197D TI-SN74LS197D Datasheet
779Kb / 17P
[Old version datasheet]   50/30/100-MHz [RESETTABLE DECADE OR BINARY COUNTERS/LATCHES
SN74LS197J TI-SN74LS197J Datasheet
779Kb / 17P
[Old version datasheet]   50/30/100-MHz [RESETTABLE DECADE OR BINARY COUNTERS/LATCHES
logo
Motorola, Inc
SN74LS197N MOTOROLA-SN74LS197N Datasheet
227Kb / 6P
   4-STAGE PRESETTABLE RIPPLE COUNTERS
More results

유사한 설명 - SN74LS197

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
SN54LS196 MOTOROLA-SN54LS196 Datasheet
227Kb / 6P
   4-STAGE PRESETTABLE RIPPLE COUNTERS
logo
Fairchild Semiconductor
CD4020BC FAIRCHILD-CD4020BC Datasheet
84Kb / 8P
   14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
   8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
   CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
National Semiconductor ...
CD4060BC NSC-CD4060BC Datasheet
136Kb / 6P
   14-Stage Ripple Carry Binary Counters
CD4020BM NSC-CD4020BM Datasheet
136Kb / 6P
   14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Texas Instruments
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS 8-stage Presettable Synchronous Down Counters
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com