전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST92150V1TB 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 ST92150V1TB
상세설명  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
Download  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92150V1TB 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button ST92150V1TB Datasheet HTML 6Page - STMicroelectronics ST92150V1TB Datasheet HTML 7Page - STMicroelectronics ST92150V1TB Datasheet HTML 8Page - STMicroelectronics ST92150V1TB Datasheet HTML 9Page - STMicroelectronics ST92150V1TB Datasheet HTML 10Page - STMicroelectronics ST92150V1TB Datasheet HTML 11Page - STMicroelectronics ST92150V1TB Datasheet HTML 12Page - STMicroelectronics ST92150V1TB Datasheet HTML 13Page - STMicroelectronics ST92150V1TB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 426 page
background image
10/426
ST92F124/F150/F250 - GENERAL DESCRIPTION
1.2 PIN DESCRIPTION
AS. Address Strobe (output, active low, 3-state).
Address Strobe is pulsed low once at the begin-
ning of each memory cycle. The rising edge of AS
indicates that address, Read/Write (RW), and
Data signals are valid for memory transfers.
DS. Data Strobe (output, active low, 3-state). Data
Strobe provides the timing for data movement to or
from Port 0 for each memory transfer. During a
write cycle, data out is valid at the leading edge of
DS. During a read cycle, Data In must be valid pri-
or to the trailing edge of DS. When the ST9 ac-
cesses on-chip memory, DS is held high during
the whole memory cycle.
RESET. Reset (input, active low). The ST9 is ini-
tialised by the Reset signal. With the deactivation
of RESET, program execution begins from the
Program memory location pointed to by the vector
contained in program memory locations 00h and
01h.
RW. Read/Write (output, 3-state). Read/Write de-
termines the direction of data transfer for external
memory transactions. RW is low when writing to
external memory, and high for all other transac-
tions.
OSCIN, OSCOUT. Oscillator (input and output).
These pins connect a parallel-resonant crystal, or
an external source to the on-chip clock oscillator
and buffer. OSCIN is the input of the oscillator in-
verter; OSCOUT is the output of the oscillator in-
verter.
HW0SW1. When connected to VDD through a 1K
pull-up resistor, the software watchdog option is
selected. When connected to VSS through a 1K
pull-down resistor, the hardware watchdog option
is selected.
VPWO. This pin is the output line of the J1850 pe-
ripheral (JBLPD). It is available only on some de-
vices.
RX1/WKUP6. Receive Data input of CAN1 and
Wake-up line 6. Available only on some devices.
When the CAN1 peripheral is disabled, a pull-up
resistor is connected internally to this pin.
TX1. Transmit Data output of CAN1. Available on
some devices.
P0[7:0], P1[7:0] or P9[7:2] (Input/Output, TTL or
CMOS compatible). 11 lines (64-pin devices) or 22
lines (100-pin devices) providing the external
memory interface for addressing 2K or 4M bytes of
external memory.
P0[7:0],
P1[2:0],
P2[7:0],
P3[7:4],
P4.[7:4],
P5[7:0], P6[5:2,0], P7[7:0] I/O Port Lines (Input/
Output, TTL or CMOS compatible). I/O lines
grouped into I/O ports of 8 bits, bit programmable
under software control as general purpose I/O or
as alternate functions.
P1[7:3], P3[3:1], P4[3:0], P6.1, P8[7:0], P9[7:0]
Additional I/O Port Lines available on 100-pin ver-
sions only.
P3.0, P6[7:6] Additional I/O Port Lines available
on ST92F250 version only.
AVDD. Analog VDD of the Analog to Digital Con-
verter (common for ADC 0 and ADC 1).
AVDD can be switched off when the ADC is not in
use.
AVSS. Analog VSS of the Analog to Digital Con-
verter (common for ADC 0 and ADC 1).
VDD. Main Power Supply Voltage. Four pins are
available on 100-pin versions, two on 64-pin ver-
sions. The pins are internally connected.
VSS. Digital Circuit Ground. Four pins are availa-
ble on 100-pin versions, two on 64-pin versions.
The pins are internally connected.
VTEST Power Supply Voltage for Flash test pur-
poses. This pin must be kept to 0 in user mode.
VREG. Stabilization capacitors for the internal volt-
age regulator. The user must connect external sta-
bilization capacitors to these pins. Refer to Figure
16.
1.2.1 I/O Port Alternate Functions
Each pin of the I/O ports of the ST92F124/F150/
F250 may assume software programmable Alter-
nate Functions as shown in Section 1.4.
1.2.2 Termination of Unused Pins
For unused pins, input mode is not recommended.
These pins must be kept at a fixed voltage using
the output push pull mode of the I/O or an external
pull-up or pull-down resistor.
9


유사한 부품 번호 - ST92150V1TB

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST92150V1TB STMICROELECTRONICS-ST92150V1TB Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
More results

유사한 설명 - ST92150V1TB

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
September 2002 Rev. 2.6
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
   8-bit MCU with single voltage Flash memory
February 2008 Rev 3
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST7LITE49M STMICROELECTRONICS-ST7LITE49M Datasheet
1Mb / 188P
   8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I짼C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com