전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD5NM60 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STD5NM60
상세설명  N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD5NM60 데이터시트(HTML) 6 Page - STMicroelectronics

  STD5NM60 Datasheet HTML 1Page - STMicroelectronics STD5NM60 Datasheet HTML 2Page - STMicroelectronics STD5NM60 Datasheet HTML 3Page - STMicroelectronics STD5NM60 Datasheet HTML 4Page - STMicroelectronics STD5NM60 Datasheet HTML 5Page - STMicroelectronics STD5NM60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
STD5NM60
6/6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com


유사한 부품 번호 - STD5NM60

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
489Kb / 16P
   N-CHANNEL 650V Tjmax-0.9ohm-8A TO-220/FP/D/IPAK/D2PAK STripFET II MOSFET
logo
Inchange Semiconductor ...
STD5NM60 ISC-STD5NM60 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
558Kb / 18P
   N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
Rev 17 October 2008
STD5NM60-1 STMICROELECTRONICS-STD5NM60-1 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
More results

유사한 설명 - STD5NM60

제조업체부품명데이터시트상세설명
logo
E-CMOS Corporation
EC745N60 E-CMOS-EC745N60 Datasheet
412Kb / 5P
   600V,5A N-Channel Power MOSFET
logo
Unisonic Technologies
5N60Z UTC-5N60Z Datasheet
199Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STP9NM60 STMICROELECTRONICS-STP9NM60 Datasheet
181Kb / 9P
   N-CHANNEL 600V - 0.55Ω - 8.3A TO-220/DPAK/IPAK MDmesh™Power MOSFET
January 2004
logo
Unisonic Technologies
5N60 UTC-5N60_11 Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
   N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?줡ower MOSFET
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
   N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh??Power MOSFET
logo
Alpha & Omega Semicondu...
AOT5N60 AOSMD-AOT5N60_10 Datasheet
137Kb / 5P
   600V,5A N-Channel MOSFET
AOT5N60 AOSMD-AOT5N60 Datasheet
164Kb / 5P
   600V, 5A N-Channel MOSFET
logo
STMicroelectronics
STD5NB20 STMICROELECTRONICS-STD5NB20 Datasheet
53Kb / 5P
   N - CHANNEL 200V - 0.70ohm - 5A DPAK PowerMESHO MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com