전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAE-A722.5792TS 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 CAE-A722.5792TS
상세설명  LVPECL Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CAE-A722.5792TS 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  CAE-A722.5792TS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CARDINAL COMPONENTS
Cardinal Components, Inc., 155 Rt. 46 W, Wayne, NJ. 07470 TEL: (973)785-1333 FAX: (973)785-0053
http://www.cardinalxtal.com
CARDINAL COMPONENTS
CARDINAL COMPONENTS
Applications
Frequency Range:
MHz
Stability:
ppm
3.3
V
Operating Temperature:
°C
Storage Temperature:
-55
°C
Duty Cycle:
45
%
Start-Up Time:
3mS
Supply Current:
mA
Short Circuit Current:
± 50
mA
Voh
Vdd - 1.025
V
Vol
V
Rise/Fall Time:
nS
Output Level:
LVPECL
Packaging:
Tape and Reel 1000 pcs per Reel
PIN Function
1 OE (CMOS)
2 Do Not Connect
3 Ground
4 LVPECL +
5 LVPECL -
6 Vdd
Solder Pad Layout
55
10
Dimensions are in mm
+ 125
Vdd - 1.62
3.465
ppm
5
OUT
___
OUT
50
50
Vdd
2.0 V
0.8
0.4
Supply Voltage:
Vdd Rise Time:
100
µS
1
200
CAE
LVPECL Levels Test Circuit
SERIES
FREQUENCY
PACKAGING OPTIONS
Z
Z = Tape and Reel
A5 = -20°C ~ +70°C
Blank = Bulk
OPERATING TEMP.
STABILITY
22.5792
Phase Noise @ 10kHz:
10
pS
pS
Blank = 0°C ~ +70°C
A7 = -40°C ~ +85°C
Blank = ±100 ppm
CAE
CAE
BP
BP = ±50 ppm
-50
+ 50
-20
+ 70
12kHz to 20MHz
A5
CAE
LVPECL Oscillator
RMS Integrated Jitter:
Output Voltage:
Ta=25C, Vdd=3.3V
Aging: (ppm/1st Year)
RMS Period Jitter:
3.135
130
15
dBc/Hz
Specifications:
Min
Typ
Max
Unit
Part Numbering Example: CAE Z - A5 BP - 22.5792 TS
TS = Tri-State
TS
TRI-STATE
1
2
3
4
5
6
E-Mail: sales@cardinalxtal.com
* Fast Delivery
* LVPECL Output
Platinum Series
* Switches
* WAN Interfaces
* Industry Standard Packaging
* Test Equipment
* Routers
* Serial Communications
-100
4
Rev.1-11/3/05


유사한 부품 번호 - CAE-A722.5792TS

제조업체부품명데이터시트상세설명
logo
Surge Components
CAE-FC SURGE-CAE-FC Datasheet
54Kb / 1P
   surface mount type aluminum electrolytic capacitors features
CAE-GA SURGE-CAE-GA Datasheet
53Kb / 1P
   surface mount type aluminum electrolytic capacitors features
CAE-KX SURGE-CAE-KX Datasheet
919Kb / 1P
   high capacitance with small package
CAE-M SURGE-CAE-M Datasheet
172Kb / 1P
   cae-s surface mount type standards
CAE-NT SURGE-CAE-NT Datasheet
982Kb / 1P
   Surface Mount Type 105C standard
More results

유사한 설명 - CAE-A722.5792TS

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CHEZ-A5BP ETC2-CHEZ-A5BP Datasheet
52Kb / 1P
   LVPECL Oscillator LVPECL Output
logo
Advanced Crystal Techno...
ACT9213 ACT-ACT9213 Datasheet
272Kb / 3P
   LVPECL OSCILLATOR
16/08/05
logo
Fox Electronics
O7PS FOX-O7PS Datasheet
210Kb / 4P
   7x5mm LVPECL Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
   LVPECL CRYSTAL OSCILLATOR
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
logo
AiT Semiconductor Inc.
KOPM AITSEMI-KOPM Datasheet
241Kb / 1P
   LVPECL CRYSTAL OSCILLATOR
logo
Advanced Crystal Techno...
ACTMPX11-6 ACT-ACTMPX11-6 Datasheet
163Kb / 3P
   LVPECL Saw Oscillator
26/07/05
logo
Connor-Winfield Corpora...
PMXXX CONNOR-WINFIELD-PMXXX Datasheet
316Kb / 2P
   LVPECL Clock Oscillator
logo
Crystek Corporation
CCPD-024 CRYSTEKCRYSTAL-CCPD-024_15 Datasheet
116Kb / 3P
   LVPECL Clock Oscillator
logo
Fox Electronics
O3PS FOX-O3PS Datasheet
254Kb / 3P
   3.2x2.5mm LVPECL Oscillator
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com