전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DMR14A3-B 데이터시트(HTML) 1 Page - SunLED Corporation

부품명 DMR14A3-B
상세내용  14.22mm (0.56”) THREE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo 

DMR14A3-B 데이터시트(HTML) 1 Page - SunLED Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 1 / 4 page
background image
Published Date : MAR 01,2008
Drawing No : SDSA2262
V3
Checked : Shin Chi
P.1/4
Part Number:
DMR14A3-B
14.22mm (0.56”) THREE DIGIT NUMERIC DISPLAY
www.SunLED.com
Features
● 0.56 INCH DIGIT HEIGHT.
● LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● I.C. COMPATIBLE.
● MECHANICALLY RUGGED.
● STANDARD: GRAY FACE, WHITE SEGMENT.
● RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DMR14A3-B
Red
GaAlAs
12000
44990
660
Common Anode. Rt. Hand Decimal
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 –5 Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.8
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=10mA)
λ P
660
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
R.
CH
EN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專
用, ou=SPEC專用,
email=fangdh@cn.kingbright.
com, c=<無>
日期︰2008.03.04 10:52:26
+08'00'


Html Pages

1  2  3  4 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn