전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGB20NB32LZT4 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STGB20NB32LZT4
상세설명  N-CHANNEL CLAMPED 20A - D2PAK/I2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB20NB32LZT4 데이터시트(HTML) 3 Page - STMicroelectronics

  STGB20NB32LZT4 Datasheet HTML 1Page - STMicroelectronics STGB20NB32LZT4 Datasheet HTML 2Page - STMicroelectronics STGB20NB32LZT4 Datasheet HTML 3Page - STMicroelectronics STGB20NB32LZT4 Datasheet HTML 4Page - STMicroelectronics STGB20NB32LZT4 Datasheet HTML 5Page - STMicroelectronics STGB20NB32LZT4 Datasheet HTML 6Page - STMicroelectronics STGB20NB32LZT4 Datasheet HTML 7Page - STMicroelectronics STGB20NB32LZT4 Datasheet HTML 8Page - STMicroelectronics STGB20NB32LZT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STGB20NB32LZ - STGB20NB32LZ-1
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
DYNAMIC
FUNCTIONAL CHARACTERISTICS
SWITCHING ON
SWITCHING OFF
(**)Losses Include Also the Tail (jedec Standardization)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
Forward Transconductance
VCE =25V , IC =20 A
35
S
Cies
Input Capacitance
VCE = 25 V, f = 1 MHz, VGE =0
2300
pF
Coes
Output Capacitance
165
pF
Cres
Reverse Transfer
Capacitance
28
pF
Qg
Gate Charge
VCE = 280 V, IC =20 A,
VGE =5V
51
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
II
Latching Current
RGOFF =127Ω, VClamp =250 V,
VGE =5V, TC =125 °C
34
A
U.I.S.
Functional Test Open
Secondary Coil
RGOFF =1KΩ ,Tc=125°C, VG =5V,
L = 1.6mH
21.6
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Delay Time
Rise Time
VCC =250 V, IC =20 A
RG =1KΩ ,VGE = 4.5 V
2.3
0.6
µs
µs
(di/dt)on
Turn-on Current Slope
VCC= 250 V, IC =20 A
RG=1KΩ,VGE = 4.5 V
550
A/µs
Eon
Turn-on Switching Losses
VCC= 250 V, IC =20 A,Tc=25°C
RG=1KΩ,VGE = 4.5 V, Tc=150°C
8.8
9.2
mJ
mJ
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
Cross-Over Time
Vcc = 250 V, IC =20 A,
RGE =1 KΩ ,VGE = 4.5 V
4.8
µs
tr(Voff)
Off Voltage Rise Time
2.6
µs
tf
Fall Time
2µs
td(off)
Off Voltage Delay Time
11.5
µs
Eoff(**)
Turn-off Switching Loss
11.8
mJ
tc
Cross-Over Time
Vcc = 250 V, IC =20 A,
RGE =1 KΩ ,VGE = 4.5 V
Tc = 150 °C
7.8
µs
tr(Voff)
Off Voltage Rise Time
3.5
µs
tf
Fall Time
3.9
µs
td(off)
Off Voltage Delay Time
12
µs
Eoff(**)
Turn-off Switching Loss
17.8
mJ


유사한 부품 번호 - STGB20NB32LZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ Datasheet
382Kb / 8P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB20NB37LZT4 STMICROELECTRONICS-STGB20NB37LZT4 Datasheet
382Kb / 8P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ_03 Datasheet
382Kb / 8P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
More results

유사한 설명 - STGB20NB32LZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ_03 Datasheet
382Kb / 8P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_01 Datasheet
445Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMesh TM IGBT
STGB10NB40LZ STMICROELECTRONICS-STGB10NB40LZ Datasheet
481Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
92Kb / 8P
   N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB7NB40LZ STMICROELECTRONICS-STGB7NB40LZ Datasheet
391Kb / 8P
   N-CHANNEL CLAMPED 14A - D2PAK INTERNALLY CLAMPED PowerMESH??IGBT
STGB20NB41LZ STMICROELECTRONICS-STGB20NB41LZ Datasheet
258Kb / 9P
   N-CHANNEL CLAMPED 20A - DPAK INTERNALLY CLAMPED PowerMESH IGBT
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
267Kb / 9P
   N-CHANNEL CLAMPED 20A - TO-220 INTERNALLY CLAMPED PowerMesh??IGBT
STGP20NB37LZ STMICROELECTRONICS-STGP20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A TO-220 INTERNALLY CLAMPED PowerMESH IGBT
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com