전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC2302DR 데이터시트(PDF) 2 Page - Texas Instruments

부품명 TPIC2302DR
상세설명  3-Channel Constant Current-SOURCE POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC2302DR 데이터시트(HTML) 2 Page - Texas Instruments

  TPIC2302DR Datasheet HTML 1Page - Texas Instruments TPIC2302DR Datasheet HTML 2Page - Texas Instruments TPIC2302DR Datasheet HTML 3Page - Texas Instruments TPIC2302DR Datasheet HTML 4Page - Texas Instruments TPIC2302DR Datasheet HTML 5Page - Texas Instruments TPIC2302DR Datasheet HTML 6Page - Texas Instruments TPIC2302DR Datasheet HTML 7Page - Texas Instruments TPIC2302DR Datasheet HTML 8Page - Texas Instruments TPIC2302DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPIC2302
3CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS028B − APRIL 1994 − REVISED SEPTEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251−1443
2
electrical characteristics, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source breakdown voltage
ID = 250 µA,
VGS = 0
60
V
VGS(th)
Gate-to-source threshold voltage
ID = 1 mA,
VDS = VGS
1.5
1.85
2.2
V
VDS(on)
Drain-to-source on-state voltage
ID = 1 A,
See Notes 2 and 3
VGS = 10 V,
0.4
0.475
V
VF(SD)
Forward on-state voltage, source-to-drain
IS = 1 A,
VGS = 0 (Z1, Z2, Z3),
See Notes 2 and 3
0.9
1.1
V
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
TC = 25°C
0.05
1
A
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
VGS = 0
TC = 125°C
0.5
10
µA
IGSSF
Forward gate current, drain short circuited to source
VGS = 16 V,
VDS = 0
10
100
nA
IGSSR
Reverse gate current, drain short circuited to source
VSG = 16 V,
VDS = 0
10
100
nA
Ilkg
Leakage current, drain-to-GND
VR = 48 V
TC = 25°C
0.05
1
A
Ilkg
Leakage current, drain-to-GND
VR = 48 V
TC = 125°C
0.5
10
µA
rDS(on)
Static drain-to-source on-state resistance
VGS = 10 V,
ID = 1 A,
TC = 25°C
0.4
0.475
rDS(on)
Static drain-to-source on-state resistance
ID = 1 A,
See Notes 2 and 3
and Figures 6 and 7
TC = 125°C
0.63
0.7
gfs
Forward transconductance
VDS = 10 V,
See Notes 2 and 3
ID = 0.5 A,
0.85
1.02
S
Ciss
Short-circuit input capacitance, common source
115
145
Coss
Short-circuit output capacitance, common source
VDS = 25 V,
f = 1 MHz
VGS = 0,
60
75
pF
Crss
Short-circuit reverse-transfer capacitance,
common source
VDS = 25 V,
f = 1 MHz
VGS = 0,
30
40
pF
NOTES:
2. Technique should limit TJ − TC to 10°C maximum, pulse duration ≤ 5 ms.
3. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
source-to-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr(SD) Reverse-recovery time
IS = 0.5 A,
VGS = 0,
VDS = 48 V,
65
ns
QRR
Total diode charge
IS = 0.5 A,
VGS = 0,
di/dt = 100 A/
µs,
VDS = 48 V,
See Figure 1
0.03
µC


유사한 부품 번호 - TPIC2302DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301KV TI1-TPIC2301KV Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
More results

유사한 설명 - TPIC2302DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
   Constant current source
2001 May 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com