전자부품 데이터시트 검색엔진 |
|
TSH113ID 데이터시트(PDF) 8 Page - STMicroelectronics |
|
TSH113ID 데이터시트(HTML) 8 Page - STMicroelectronics |
8 / 15 page Package information TSH110-TSH111-TSH112-TSH113-TSH114 8/15 4 Package information In order to meet environmental requirements, STMicroelectronics offers these devices in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics trademark. ECOPACK specifications are available at: www.st.com. |
유사한 부품 번호 - TSH113ID |
|
유사한 설명 - TSH113ID |