전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1874IN 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 TS1874IN
상세설명  1.8V input/output rail-to-rail low power operational amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874IN 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button TS1874IN Datasheet HTML 7Page - STMicroelectronics TS1874IN Datasheet HTML 8Page - STMicroelectronics TS1874IN Datasheet HTML 9Page - STMicroelectronics TS1874IN Datasheet HTML 10Page - STMicroelectronics TS1874IN Datasheet HTML 11Page - STMicroelectronics TS1874IN Datasheet HTML 12Page - STMicroelectronics TS1874IN Datasheet HTML 13Page - STMicroelectronics TS1874IN Datasheet HTML 14Page - STMicroelectronics TS1874IN Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TS1871-TS1872-TS1874
Electrical characteristics
11/26
Figure 19.
Output current vs. temperature
Figure 20.
Output current vs. temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 1.8V
Vid = 1V
Isource
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 1.8V
Vid = 1V
Isource
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 3V
Vid = 1V
Isource
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 3V
Vid = 1V
Isource
Figure 21.
Output current vs. temperature
Figure 22.
Output current vs. output voltage
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 5V
Vid = 1V
Isource
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-100
-50
0
50
100
Isink
Vcc = 5V
Vid = 1V
Isource
0.0
0.5
1.0
1.5
2.0
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 1.8V
Vid = 0.1V
Vicm = 0.9V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
0.5
1.0
1.5
2.0
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 1.8V
Vid = 0.1V
Vicm = 0.9V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
Figure 23.
Output current vs. output voltage
Figure 24.
Output current vs. output voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 3V
Vid = 0.1V
Vicm = 1.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 3V
Vid = 0.1V
Vicm = 1.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
1.0
2.0
3.0
4.0
5.0
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 5V
Vid = 0.1V
Vicm = 2.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C
0.0
1.0
2.0
3.0
4.0
5.0
Output voltage (V)
-100
-50
0
50
100
sink
Vcc = 5V
Vid = 0.1V
Vicm = 2.5V
source
T = 25 °C
T = -40 °C
T = 125 °C
T = 125 °C
T = -40 °C
T = 25 °C


유사한 부품 번호 - TS1874IN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TS1874IN STMICROELECTRONICS-TS1874IN Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
More results

유사한 설명 - TS1874IN

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
736Kb / 27P
   1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com