전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVCH16244TTR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 74ALVCH16244TTR
상세설명  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH16244TTR 데이터시트(HTML) 1 Page - STMicroelectronics

  74ALVCH16244TTR Datasheet HTML 1Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 2Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 3Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 4Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 5Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 6Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 7Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 8Page - STMicroelectronics 74ALVCH16244TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
February 2003
s
3.6V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED :
tPD = 3.0 ns (MAX.) at VCC =3.0 to 3.6V
tPD = 3.7 ns (MAX.) at VCC =2.3 to 2.7V
tPD = 5.1 ns (MAX.) at VCC =1.65V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =3.0V
|IOH|= IOL = 12mA (MIN) at VCC =2.3V
|IOH|= IOL =4mA (MIN) at VCC = 1.65V
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 3.6V
s
BUS HOLD PROVIDED ON DATA INPUTS
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16244
s
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74ALVCH16244 is a low voltage CMOS 16
BIT BUS BUFFER (NON INVERTED) fabricated
with sub-micron silicon gate and five-layer metal
wiring C2MOS technology. It is ideal for low power
and very high speed 1.65 to 3.6V applications; it
can be interfaced to 3.6V signal environment for
both inputs and outputs.
Any
nG
output
control
governs
four
BUS
BUFFERS. Output Enable input (nG) tied together
gives full 16-bit operation.
When nG is LOW, the outputs are enabled. When
nG is HIGH, the output are in high impedance
state.
Active bus-hold circuitry is provided to hold
unused or floating data inputs at a valid logic level.
This device is designed to be used with 3 state
memory address drivers, etc.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74ALVCH16244
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)
WITH 3.6V TOLERANT INPUTS AND OUTPUTS
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74ALVCH16244TTR
TSSOP
PIN CONNECTION


유사한 부품 번호 - 74ALVCH16244TTR

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVCH16244T FAIRCHILD-74ALVCH16244T Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results

유사한 설명 - 74ALVCH16244TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
   Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
489Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com