전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX162244 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 74LCX162244
상세설명  Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX162244 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button 74LCX162244 Datasheet HTML 7Page - STMicroelectronics 74LCX162244 Datasheet HTML 8Page - STMicroelectronics 74LCX162244 Datasheet HTML 9Page - STMicroelectronics 74LCX162244 Datasheet HTML 10Page - STMicroelectronics 74LCX162244 Datasheet HTML 11Page - STMicroelectronics 74LCX162244 Datasheet HTML 12Page - STMicroelectronics 74LCX162244 Datasheet HTML 13Page - STMicroelectronics 74LCX162244 Datasheet HTML 14Page - STMicroelectronics 74LCX162244 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
74LCX162244
15/15
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries (“ST”) reserve the
right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any
time, without notice.
All ST products are sold pursuant to ST’s terms and conditions of sale.
Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no
liability whatsoever relating to the choice, selection or use of the ST products and services described herein.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this
document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products
or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such
third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST’S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED
WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS
OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT
RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING
APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY,
DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE
GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER’S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void
any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any
liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries.
Information in this document supersedes and replaces all information previously supplied.
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
© 2007 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


유사한 부품 번호 - 74LCX162244

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
logo
STMicroelectronics
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
ON Semiconductor
74LCX162244 ONSEMI-74LCX162244 Datasheet
325Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
logo
Fairchild Semiconductor
74LCX162244GX FAIRCHILD-74LCX162244GX Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
logo
ON Semiconductor
74LCX162244GX ONSEMI-74LCX162244GX Datasheet
325Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results

유사한 설명 - 74LCX162244

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LCX162244 STMICROELECTRONICS-74LCX162244 Datasheet
223Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
February 2003
74LCX16244 STMICROELECTRONICS-74LCX16244_07 Datasheet
237Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCXH162244 STMICROELECTRONICS-74LCXH162244 Datasheet
229Kb / 10P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX16244 STMICROELECTRONICS-74LCX16244 Datasheet
225Kb / 10P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16240 STMICROELECTRONICS-74LCX16240 Datasheet
239Kb / 15P
   Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs and outputs
74LCX162541 STMICROELECTRONICS-74LCX162541 Datasheet
246Kb / 15P
   Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs
74LCX16541 STMICROELECTRONICS-74LCX16541 Datasheet
156Kb / 9P
   LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
74LCX16245 STMICROELECTRONICS-74LCX16245_07 Datasheet
260Kb / 15P
   Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com