전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC139TTR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 74VHC139TTR
상세설명  DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC139TTR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button 74VHC139TTR Datasheet HTML 2Page - STMicroelectronics 74VHC139TTR Datasheet HTML 3Page - STMicroelectronics 74VHC139TTR Datasheet HTML 4Page - STMicroelectronics 74VHC139TTR Datasheet HTML 5Page - STMicroelectronics 74VHC139TTR Datasheet HTML 6Page - STMicroelectronics 74VHC139TTR Datasheet HTML 7Page - STMicroelectronics 74VHC139TTR Datasheet HTML 8Page - STMicroelectronics 74VHC139TTR Datasheet HTML 9Page - STMicroelectronics 74VHC139TTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74VHC139
6/12
Figure 6: Waveform - Propagation Delays For Non-inverting Outputs (f=1MHz; 50% duty cycle)


유사한 부품 번호 - 74VHC139TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC139T STMICROELECTRONICS-74VHC139T Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
More results

유사한 설명 - 74VHC139TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com