전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHCT257ATTR 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 74VHCT257ATTR
상세설명  QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT257ATTR 데이터시트(HTML) 4 Page - STMicroelectronics

  74VHCT257ATTR Datasheet HTML 1Page - STMicroelectronics 74VHCT257ATTR Datasheet HTML 2Page - STMicroelectronics 74VHCT257ATTR Datasheet HTML 3Page - STMicroelectronics 74VHCT257ATTR Datasheet HTML 4Page - STMicroelectronics 74VHCT257ATTR Datasheet HTML 5Page - STMicroelectronics 74VHCT257ATTR Datasheet HTML 6Page - STMicroelectronics 74VHCT257ATTR Datasheet HTML 7Page - STMicroelectronics 74VHCT257ATTR Datasheet HTML 8Page - STMicroelectronics 74VHCT257ATTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74VHCT257A
4/13
Table 6: DC Specifications
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5 to
5.5
22
2
V
VIL
Low Level Input
Voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
V
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.0
0.1
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
0.55
IOZ
High Impedance
Output Leakage
Current
5.5
VI = VIH or VIL
VO = 0V to 5.5V
±0.25
± 2.5
± 2.5
µA
II
Input Leakage
Current
0 to
5.5
VI = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
440
40
µA
+ICC
Additional Worst
Case Supply
Current
5.5
One Input at 3.4V,
other input at VCC
or GND
1.35
1.5
1.5
mA
IOPD
Output Leakage
Current
0
VOUT = 5.5V
0.5
5.0
5.0
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC (*)
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time A, B, to Y
5.0
15
4.8
7.0
1.0
8.0
1.0
8.0
ns
5.0
50
5.5
8.0
1.0
9.0
1.0
9.0
tPLH
tPHL
Propagation Delay
Time SELECT to Y
5.0
15
6.0
6.8
1.0
8.0
1.0
8.0
ns
5.0
50
7.0
8.8
1.0
10.0
1.0
10.0
tPZL
tPZH
Output Enable
Time
5.0
15
5.8
6.8
1.0
8.0
1.0
8.0
ns
5.0
50
6.5
8.8
1.0
10.0
1.0
10.0
tPLZ
tPHZ
Output Disable
Time
5.0
50
5.7
7.9
1.0
9.0
1.0
9.0
ns


유사한 부품 번호 - 74VHCT257ATTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHCT257ATTR STMICROELECTRONICS-74VHCT257ATTR Datasheet
70Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
More results

유사한 설명 - 74VHCT257ATTR

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
   QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
   Quad 2-Channel Multiplexer (3-state)
logo
STMicroelectronics
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Toshiba Semiconductor
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
   Quad 2-Channel Multiplexer (3-State)
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
   Quad 2-Channel Multiplexer (3-state)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
74VHC257 STMICROELECTRONICS-74VHC257 Datasheet
315Kb / 14P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
M74HC257 STMICROELECTRONICS-M74HC257 Datasheet
190Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com