전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6924U013TR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L6924U013TR
상세설명  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013TR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L6924U013TR Datasheet HTML 2Page - STMicroelectronics L6924U013TR Datasheet HTML 3Page - STMicroelectronics L6924U013TR Datasheet HTML 4Page - STMicroelectronics L6924U013TR Datasheet HTML 5Page - STMicroelectronics L6924U013TR Datasheet HTML 6Page - STMicroelectronics L6924U013TR Datasheet HTML 7Page - STMicroelectronics L6924U013TR Datasheet HTML 8Page - STMicroelectronics L6924U013TR Datasheet HTML 9Page - STMicroelectronics L6924U013TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Pin description
L6924U
6/38
Pin
I/O
Name
Pin description
9
I
ISEL
Switch from high power USB (IUSB up to 500 mA) and low power
USB (IUSB/5) in USB mode. A low level sets the L6924U in low
power mode and a high level sets the L6924U in high power mode.
When the AC mode is selected, the ISEL pin must be connected to
ground or left floating.
10
I
VOSNS
Output voltage sense pin.
It senses the battery voltage to control the voltage regulation loop.
11
O
VOUT
Output pin. (connected to the battery)
12
O
VREF
External reference voltage pin. (reference voltage is 1.8 V ± 2 %)
13
I/O
IEND
Charge termination pin.
A resistor connected from this pin to GND fixes the charge
termination current threshold IENDTH: if ICHG < IENDTH, the charge
process ends. The voltage across the resistor is proportional to the
current delivered to the battery (gas gauge function).
14
I
MODE
Select pin between AC adapter and USB port. A high level sets the
L6924U in USB mode while a low level sets the L6924U in the AC
adapter mode. When the AC adapter input is selected, the ISEL pin
status does not affect the current set.
15
I
IUSB
Charge current program pin in USB mode: a resistor connected
from this pin to ground fixes the fast charge current value (IUSB up
to 500 mA) with an accuracy of 7 %. The USB high power/low
power mode is selected with the ISEL pin.
16
I
IAC
Charge current program pin in AC mode: a resistor connected from
this pin to GND fixes the fast charge current value (IAC up to 1 A)
with an accuracy of 7 %.
Table 2.
Pin functions (continued)


유사한 부품 번호 - L6924U013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6924U013TR STMICROELECTRONICS-L6924U013TR Datasheet
828Kb / 37P
   USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
More results

유사한 설명 - L6924U013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6924UTR STMICROELECTRONICS-L6924UTR Datasheet
828Kb / 37P
   USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
L6924D STMICROELECTRONICS-L6924D_07 Datasheet
1Mb / 38P
   Battery charger system with integrated power switch for Li-ION/Li-POLYMER
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
   Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
EVAL6924D STMICROELECTRONICS-EVAL6924D Datasheet
114Kb / 4P
   EVAL6924D Battery charger system with integrated Power Switch for Li-ION/Li-POLYMER
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com