전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2052 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 TDA2052
상세설명  60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2052 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button TDA2052 Datasheet HTML 6Page - STMicroelectronics TDA2052 Datasheet HTML 7Page - STMicroelectronics TDA2052 Datasheet HTML 8Page - STMicroelectronics TDA2052 Datasheet HTML 9Page - STMicroelectronics TDA2052 Datasheet HTML 10Page - STMicroelectronics TDA2052 Datasheet HTML 11Page - STMicroelectronics TDA2052 Datasheet HTML 12Page - STMicroelectronics TDA2052 Datasheet HTML 13Page - STMicroelectronics TDA2052 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Figure 21:Distortion vs Output Power
(Midrange/Tweeter)
Figure 20: Distortion vs Output Power
(Subwoofer)
Figure 19: Frequency Response
As shown in Figure 19, the R-C passive network
for low-pass and High-pass give a cut with a
slope of 12dB/octave
A further advantage of this application is that con-
necting each speaker direcly to its amplifier, the
musical signal is not modified by the variations of
the impedance of the crossover over frequency.
The subwoofer is designed for obtaining high
sound pressure level with low distortion without
stereo effect.
In the application of figure 18, the subwoofer
plays the 20 to 300 Hz frequency range, while the
remaining 300 Hz to 20KHz are sent to two sepa-
rate channels with stereo effect.
The multiway
system makes
use of
three
TDA2052, one for driving the subwoofer with
POUT higher than 40W (THD = 10%), 28W undis-
torted (THD = 0.01%), while the others two
TDA2052 are used for driving the mid/high fre-
quency speakers of L/R channels, delivering
POUT = 25W (THD = 10%) and 20W @ THD =
0.01%
TDA2052
11/14


유사한 부품 번호 - TDA2052

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA2052 STMICROELECTRONICS-TDA2052 Datasheet
164Kb / 13P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052 STMICROELECTRONICS-TDA2052 Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052H STMICROELECTRONICS-TDA2052H Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052V STMICROELECTRONICS-TDA2052V Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
More results

유사한 설명 - TDA2052

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA2052 STMICROELECTRONICS-TDA2052 Datasheet
164Kb / 13P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052V STMICROELECTRONICS-TDA2052V Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052H STMICROELECTRONICS-TDA2052H Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
   28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296S STMICROELECTRONICS-TDA7296S Datasheet
248Kb / 11P
   60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
logo
Unisonic Technologies
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
   14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com