전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA758013TR 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 TDA758013TR
상세설명  FM/AM digital IF sampling processor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA758013TR 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button TDA758013TR Datasheet HTML 7Page - STMicroelectronics TDA758013TR Datasheet HTML 8Page - STMicroelectronics TDA758013TR Datasheet HTML 9Page - STMicroelectronics TDA758013TR Datasheet HTML 10Page - STMicroelectronics TDA758013TR Datasheet HTML 11Page - STMicroelectronics TDA758013TR Datasheet HTML 12Page - STMicroelectronics TDA758013TR Datasheet HTML 13Page - STMicroelectronics TDA758013TR Datasheet HTML 14Page - STMicroelectronics TDA758013TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
TDA7580
Block diagram and electrical specifications
11/39
21
GND
G
Digital core power ground
22
VDD
P
Digital core power supply
1.8V
23
IQSYNC
B
High speed synchronous serial interface
(HS3I) clock if HS3I master mode, else
DSP1 GPIO or DSP1 debug port clock
(DBOUT1)
DSP1 GPIO0
5V tolerant. With
internal pull-up, on at
reset
Input
24
IQCH1
B
High speed synchronous serial interface
(HS3I) channel 1 data if HS3I master
mode, else DSP1 GPIO or DSP1 debug
port request (DBRQ1)
DSP1 GPIO1
5V tolerant. With
internal pull-up, on at
reset [PP]
Input
25
IQCH2
B
High speed synchronous serial interface
(HS3I) channel 2 data if HS3I master
mode, else DSP1 GPIO or DSP1 debug
port data In (DBIN1)
DSP1 GPIO2
5V tolerant. With
internal pull-down, on at
reset [PP]
Input
26
IQCH3
B
High speed synchronous serial interface
(HS3I) channel 3 data if HS3I master
mode, else DSP1 GPIO or DSP1 debug
port data out (DBCK1)
DSP1 GPIO3
5V tolerant
With internal pull-down,
on at reset [PP]
Input
27
VDDH
P
3.3V IO ring power supply (HS3I, I2C/SPI,
RDS, INT)
28
GNDH
G
3.3V IO ring power ground (HS3I, I2C/SPI,
RDS, INT)
29
RDS_INT
B
RDS interrupt to external main
microprocessor in case of traffic
information
DSP1 GPIO4. 5V
tolerant, open drain
With internal pull-up, on
at reset [OD]
Input
30
RDS_CS
B
RDS chip select. When RESETN rising, If
RDS_CS 0, the RDS’s SPI is selected;
else RDS’s I2C
DSP1 GPIO5. 5V
tolerant. With internal
pull-up, on at reset [PP]
Input
31
INT
I
DSP0 external interrupt
5V tolerant. With
internal pull-up, on at
reset
32
ADDR_SD
B
IFS chip master (Low) or slave (High)
mode selection, latched in upon RESETN
release. It selects the LSB of the I2C
addresses. Station detector output
DSP0 GPIO2
5V tolerant
With internal pull-down,
on at reset [PP]
Input
33
RESETN
I
Chip hardware reset, active low
5V tolerant
With internal pull-up
34
VDD
P
Digital power supply
1.8V
35
GND
G
Digital power ground
36
TESTN
I
Test enable pin, active low
With internal pull-up
Table 5.
Pin description (continued)
Name
Type
Description
Notes
After
Reset


유사한 부품 번호 - TDA758013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
450Kb / 31P
   FM/AM DIGITAL IF SAMPLING PROCESSOR
More results

유사한 설명 - TDA758013TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
450Kb / 31P
   FM/AM DIGITAL IF SAMPLING PROCESSOR
logo
Unisonic Technologies
UTCTA7640AP UTC-UTCTA7640AP Datasheet
43Kb / 3P
   AM/FM IF PROCESSOR
logo
STMicroelectronics
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
   DIGITAL AM/FM SIGNAL PROCESSOR
TDA7500 STMICROELECTRONICS-TDA7500 Datasheet
153Kb / 14P
   DIGITAL AM/FM SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LA1201 SANYO-LA1201 Datasheet
402Kb / 10P
   FM/AM IF
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
   Dual-IF AM/FM digital radio receiver
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
[Old version datasheet]   RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
Toshiba Semiconductor
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
   AM/FM IFMPX
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
   AM Tuner, FM-AM IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com