전자부품 데이터시트 검색엔진 |
|
TDA7438 데이터시트(PDF) 3 Page - STMicroelectronics |
|
TDA7438 데이터시트(HTML) 3 Page - STMicroelectronics |
3 / 19 page 3/19 TDA7438 Table 5. Electrical Characteristcs: (refer to the test circuit Tamb = 25°C, VS = 9V, RL= 10K Ω, RG = 600 Ω, all controls flat (G = 0dB), unless otherwise specified ) Symbol Parameter Test Condition Min. Typ. Max. Unit SUPPLY VS Supply Voltage 6 9 10.2 V IS Supply Current 7 mA SVR Ripple Rejection 60 90 dB INPUT STAGE RIN Input Resistance 100 K Ω VCL Clipping Level THD = 0.3% 2 2.5 Vrms SIN Input Separation The selected input is grounded through a 2.2 µ capacitor 80 100 dB Ginmin Minimum Input Gain -1 0 1 dB Ginman Maximum Input Gain 30 dB Gstep Step Resolution 2 dB VOLUME CONTROL Ri Input Resistance 20 33 50 K Ω CRANGE Control Range 45 47 49 dB AVMAX Max. Attenuation 45 47 49 dB ASTEP Step Resolution 0.5 1 1.5 dB EA Attenuation Set Error AV = 0 to -24dB -1.0 0 1.0 dB AV = -24 to -47dB -1.5 0 1.5 dB ET Tracking Error AV = 0 to -24dB 0 1 dB AV = -24 to -47dB 0 2 dB VDC DC Step adjacent attenuation steps from 0dB to AV max 0 0.5 3mV mV Amute Mute Attenuation 80 100 dB BASS CONTROL (The center frequency and the response quality can be chosen by the ext. circuitry) Gb Control Range Max. Boost/cut +12.0 +14.0 +16.0 dB BSTEP Step Resolution 1 2 3 dB RB Internal Feedback Resistance 33 44 55 K Ω TREBLE CONTROL (The center frequency and the response quality can be chosen by the ext. circuitry) Gt Control Range Max. Boost/cut +13.0 +14.0 +15.0 dB TSTEP Step Resolution 1 2 3 dB MIDDLE CONTROL (The center frequency and the response quality can be chosen by the ext. circuitry ) Gm Control Range Max. Boost/cut +12.0 +14.0 +16.0 dB MSTEP Step Resolution 1 2 3 dB RM Internal Feedback Resistance 18.75 25 31.25 K Ω |
유사한 부품 번호 - TDA7438 |
|
유사한 설명 - TDA7438 |