전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC155 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 M74HC155
상세설명  M74HC155_01
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC155 데이터시트(HTML) 1 Page - STMicroelectronics

  M74HC155_01 Datasheet HTML 1Page - STMicroelectronics M74HC155_01 Datasheet HTML 2Page - STMicroelectronics M74HC155_01 Datasheet HTML 3Page - STMicroelectronics M74HC155_01 Datasheet HTML 4Page - STMicroelectronics M74HC155_01 Datasheet HTML 5Page - STMicroelectronics M74HC155_01 Datasheet HTML 6Page - STMicroelectronics M74HC155_01 Datasheet HTML 7Page - STMicroelectronics M74HC155_01 Datasheet HTML 8Page - STMicroelectronics M74HC155_01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
July 2001
s
HIGH SPEED:
tPD = 13ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 155
DESCRIPTION
The M74HC155 is an high speed CMOS QUAD
2-INPUT NAND GATE fabricated with silicon gate
C2MOS technology.
It features dual 1 to 4 line demultiplexers with
individual strobe inputs (1G and 2G), individual
data inputs (1C and 2C) and common binary
address inputs (A and B).
When both decoders are enabled by the strobes,
the inverted output of 1C data and non-inverted
output of 2C data will be brought to the select
output pins of each sections. A 1 to 8 line
demultiplexer can also easily built up by providing
a data signal to both 1C and 2C inputs; the output
order from the msb is 1Y3, 1Y2, 1Y1, 1Y0, 2Y3,
2Y2, 2Y1, 2Y0. This device can be used as a 2 to
4 line decoder or a 3 to 8 line decoder when 1C is
held high and 2C is held low.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC155
DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC155B1R
SOP
M74HC155M1R
M74HC155RM13TR
TSSOP
M74HC155TTR
TSSOP
DIP
SOP


유사한 부품 번호 - M74HC155_01

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC155B1R STMICROELECTRONICS-M74HC155B1R Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
M74HC155C1R STMICROELECTRONICS-M74HC155C1R Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
M74HC155M1R STMICROELECTRONICS-M74HC155M1R Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com