전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6213 데이터시트(PDF) 13 Page - Torex Semiconductor

부품명 XC6213
상세설명  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213 데이터시트(HTML) 13 Page - Torex Semiconductor

Back Button XC6213_2 Datasheet HTML 9Page - Torex Semiconductor XC6213_2 Datasheet HTML 10Page - Torex Semiconductor XC6213_2 Datasheet HTML 11Page - Torex Semiconductor XC6213_2 Datasheet HTML 12Page - Torex Semiconductor XC6213_2 Datasheet HTML 13Page - Torex Semiconductor XC6213_2 Datasheet HTML 14Page - Torex Semiconductor XC6213_2 Datasheet HTML 15Page - Torex Semiconductor XC6213_2 Datasheet HTML 16Page - Torex Semiconductor XC6213_2 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13/28
XC6213
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Supply Current vs. Input Voltage
VIN=VCE, CL=3.3μF (ceramic)
VIN=VCE, CL=3.3μF (ceramic)
VIN=VCE, CIN=CL=1.0μF (ceramic)
VIN=VCE, CIN=CL=1.0μF (ceramic)
VIN=VCE, CIN=CL=1.0μF (ceramic)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
XC6213B182


유사한 부품 번호 - XC6213_2

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6213B30AN TOREX-XC6213B30AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B31AN TOREX-XC6213B31AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B32AN TOREX-XC6213B32AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B33AN TOREX-XC6213B33AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B34AN TOREX-XC6213B34AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
More results

유사한 설명 - XC6213_2

제조업체부품명데이터시트상세설명
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com