전자부품 데이터시트 검색엔진 |
|
STA506A 데이터시트(PDF) 2 Page - STMicroelectronics |
|
STA506A 데이터시트(HTML) 2 Page - STMicroelectronics |
2 / 14 page STA506A 2/14 Table 2. Pin Function Pin n. Pin Name Description 1 GND-SUB Substrate Ground 2 ; 3 OUT2B Output Half Bridge 2B 4VCC 2B Positive Supply 5 GND2B Negative Supply 6 GND2A Negative Supply 7VCC 2A Positive Supply 8 ; 9 OUT2A Output Half Bridge 2A 10 ; 11 OUT1B Output Half Bridge 1B 12 VCC1B Positive Supply 13 GND1B Negative Supply 14 GND1A Negative Supply 15 VCC1A Positive Supply 16 ; 17 OUT1A Output Half Bridge 1A 18 NC Not Connected 19 GND-clean Logical Ground 20 GND-reg Ground for regulator Vdd 21 ; 22 Vdd 5V Regulator Referred to Ground 23 VL Logic Reference Voltage 24 CONFIG Configuration pin 25 PWRDN Stand-by pin 26 TRI-STATE High-Z pin 27 FAULT Fault pin Advisor 28 TH-WAR Thermal Warning Advisor 29 IN1A Input of Half Bridge 1A 30 IN1B Input of Half Bridge 1B 31 IN2A Input of Half Bridge 2A 32 IN2B Input of Half Bridge 2B 33 ; 34 VSS 5V Regulator Referred to +VCC 35 ; 36 VCC Sign Signal Positive Supply |
유사한 부품 번호 - STA506A_04 |
|
유사한 설명 - STA506A_04 |