전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3708NEG4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 UC3708NEG4
상세설명  DUAL NON-INVERTING POWER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC3708NEG4 데이터시트(HTML) 5 Page - Texas Instruments

  UC3708NEG4 Datasheet HTML 1Page - Texas Instruments UC3708NEG4 Datasheet HTML 2Page - Texas Instruments UC3708NEG4 Datasheet HTML 3Page - Texas Instruments UC3708NEG4 Datasheet HTML 4Page - Texas Instruments UC3708NEG4 Datasheet HTML 5Page - Texas Instruments UC3708NEG4 Datasheet HTML 6Page - Texas Instruments UC3708NEG4 Datasheet HTML 7Page - Texas Instruments UC3708NEG4 Datasheet HTML 8Page - Texas Instruments UC3708NEG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
ACInput
12V
MPF
6660
50 W
LH0063
50 W
47 W
Input
20V
10 F
m
47 F
m
UC1708
PWR
GND
Logic
Gnd
CL
Output
200kHz
tr 0.5V/RS
tf 0.5/RS
DutyCycle-50%
³
³
4.3V
OUTPUT
0V
20V
INPUT
0V
TPHL
TTLH
TPLH
TTHL
50%
50%
90%
90%
10%
10%
5.6V
8kW
A/B
Input
Shutdown
500 W
10kW
10kW
2.5pF
5.6V
5.6V
To A/B
Output
Enable
VIN
450 A
m
5.6V
Internal
Bias
Under
Voltage
Lockout
To A/B
Output
UC1708
UC2708
UC3708
SLUS171C – MARCH 1997 – REVISED SEPTEMBER 2007
Figure 1. AC Test Circuit and Switching Time Waveforms
NOTE: Shutdown feature available only in JE, NE or DW Packages.
Figure 2. Equivalent Input Circuits
Copyright © 1997–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UC1708 UC2708 UC3708


유사한 부품 번호 - UC3708NEG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3708NEG4 TI-UC3708NEG4 Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
More results

유사한 설명 - UC3708NEG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1708 TI-UC1708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708 TI1-UC1708_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708J883B TI-UC1708J883B Datasheet
486Kb / 13P
[Old version datasheet]   Dual Non-Inverting Power Driver
logo
Microsemi Corporation
APTRG8A120G MICROSEMI-APTRG8A120G Datasheet
249Kb / 4P
   Dual IGBT Isolated Driver (Non Inverting)
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
logo
ON Semiconductor
NLU2G16 ONSEMI-NLU2G16_16 Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
NLU2G16 ONSEMI-NLU2G16 Datasheet
98Kb / 8P
   Dual Non-Inverting Buffer
March, 2008 - Rev. 2
NLU2G16 ONSEMI-NLU2G16_12 Datasheet
135Kb / 10P
   Dual Non-Inverting Buffer
July, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com