전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7F15BF1B6 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 ST7F15BF1B6
상세설명  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F15BF1B6 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button ST7F15BF1B6 Datasheet HTML 4Page - STMicroelectronics ST7F15BF1B6 Datasheet HTML 5Page - STMicroelectronics ST7F15BF1B6 Datasheet HTML 6Page - STMicroelectronics ST7F15BF1B6 Datasheet HTML 7Page - STMicroelectronics ST7F15BF1B6 Datasheet HTML 8Page - STMicroelectronics ST7F15BF1B6 Datasheet HTML 9Page - STMicroelectronics ST7F15BF1B6 Datasheet HTML 10Page - STMicroelectronics ST7F15BF1B6 Datasheet HTML 11Page - STMicroelectronics ST7F15BF1B6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
ST7LITE1xB
8/159
Notes:
1. It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA
pins to ground.
2. When the pin is configured as analog input, positive and negative current injections are not allowed.
3. PCOR not implemented but p-transistor always active in output mode (refer to Figure 32 on page 50).
12
10
10
PA6 /MCO/
ICCCLK/BREAK
I/O
CT
X
ei1
XX
Port A6
Main Clock Output or In Circuit
Communication Clock or External
BREAK
Caution: During normal operation
this pin must be pulled- up, inter-
nally or externally (external pull-up
of 10k mandatory in noisy environ-
ment). This is to avoid entering ICC
mode unexpectedly during a reset.
In the application, even if the pin is
configured as output, any reset will
put it back in input pull-up
13
11
11
PA5 /ICCDATA/
ATPWM3
I/O CT HS X
ei1
XX
Port A5
In Circuit Communication Data or
Auto-Reload Timer PWM3
14
12
12 PA4/ATPWM2
I/O CT HS X
XX
Port A4
Auto-Reload Timer PWM2
15
13
-
PA3/ATPWM1
I/O CT HS X
ei0
XX
Port A3
Auto-Reload Timer PWM1
16
14
13 PA2/ATPWM0
I/O CT HS X
XX
Port A2
Auto-Reload Timer PWM0
17
15
-
PA1/ATIC
I/O CT HS X
XX
Port A1
Auto-Reload Timer Input Capture
18
16
14 PA0/LTIC
I/O CT HS X
XX
Port A0
Lite Timer Input Capture
19
17
15 OSC2/PC1
I/O
X
X
Port C13)
Resonator oscillator inverter out-
put
20
18
16 OSC1/CLKIN/PC0 I/O
X
X
Port C03)
Resonator oscillator inverter input
or External clock input
Pin No.
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1


유사한 부품 번호 - ST7F15BF1B6

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST7F264-INDART STMICROELECTRONICS-ST7F264-INDART Datasheet
77Kb / 2P
   In-Circuit Debugging and In-Circuit Programming Tool for ST7
ST7F521-INDART STMICROELECTRONICS-ST7F521-INDART Datasheet
77Kb / 2P
   In-Circuit Debugging and In-Circuit Programming Tool for ST7
ST7FDALIF2M6 STMICROELECTRONICS-ST7FDALIF2M6 Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FL05Y0MA STMICROELECTRONICS-ST7FL05Y0MA Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7FL05Y0MB STMICROELECTRONICS-ST7FL05Y0MB Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
More results

유사한 설명 - ST7F15BF1B6

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7FLIT15BF1M6 STMICROELECTRONICS-ST7FLIT15BF1M6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
December 2004 Rev. 2.0
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
   8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
   8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
ST7LITE3 STMICROELECTRONICS-ST7LITE3 Datasheet
3Mb / 167P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com