전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC93M-20 데이터시트(PDF) 1 Page - Bookham, Inc.

부품명 LC93M-20
상세설명  980 nm Pump Laser Module Unstabilised 100-220 mW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOOKHAM [Bookham, Inc.]
홈페이지  
Logo BOOKHAM - Bookham, Inc.

LC93M-20 데이터시트(HTML) 1 Page - Bookham, Inc.

  LC93M-20 Datasheet HTML 1Page - Bookham, Inc. LC93M-20 Datasheet HTML 2Page - Bookham, Inc. LC93M-20 Datasheet HTML 3Page - Bookham, Inc. LC93M-20 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data
sheet
www.bookham.com
Thinking optical solutions
980 nm Pump Laser
Module Unstabilised
100-220 mW
These lasers are designed as pump sources for Erbium-
Doped Fibre Amplifier (EDFA) applications. Proprietary
processes and techniques of coupling the fibre to the laser
allow high output powers which are very stable with both
time and temperature. Devices are available with kink free
output powers from 100 mW to 220 mW.
www.bookham.com
Thinking optical solutions
Features
• Wavelength 975-985 nm
• Output power up to 220 mW
• Single mode fibre pigtail
• Internal thermoelectric heatpump
and monitor photodiode.
• Hermetically sealed 14-pin
butterfly package.
• Telcordia GR-468-CORE
compliant.
• Field proven high reliability.
Applications
• Low noise, high power EDFA


유사한 부품 번호 - LC93M-20

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LC93013A ETC1-LC93013A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93019A ETC1-LC93019A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93028A ETC1-LC93028A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93043A ETC1-LC93043A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93057A ETC1-LC93057A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
More results

유사한 설명 - LC93M-20

제조업체부품명데이터시트상세설명
logo
Agere Systems
980 AGERE-980 Datasheet
212Kb / 8P
   980-Type Ultrahigh- Reliability Pump Laser Module
logo
Sanyo Semicon Device
DL-LS6002 SANYO-DL-LS6002 Datasheet
20Kb / 1P
   980 nm LASER DIODE
logo
JDS Uniphase Corporatio...
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
logo
Agere Systems
269 AGERE-269 Datasheet
85Kb / 8P
   269-Type 1480 nm Pump Laser Module
269-2 AGERE-269-2 Datasheet
95Kb / 8P
   69-Type 14xx nm DFB Pump Laser Module
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com