전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC4256B-3FN256BC1 데이터시트(PDF) 7 Page - Lattice Semiconductor

부품명 LC4256B-3FN256BC1
상세설명  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-3FN256BC1 데이터시트(HTML) 7 Page - Lattice Semiconductor

Back Button LC4256B-3FN256BC1 Datasheet HTML 3Page - Lattice Semiconductor LC4256B-3FN256BC1 Datasheet HTML 4Page - Lattice Semiconductor LC4256B-3FN256BC1 Datasheet HTML 5Page - Lattice Semiconductor LC4256B-3FN256BC1 Datasheet HTML 6Page - Lattice Semiconductor LC4256B-3FN256BC1 Datasheet HTML 7Page - Lattice Semiconductor LC4256B-3FN256BC1 Datasheet HTML 8Page - Lattice Semiconductor LC4256B-3FN256BC1 Datasheet HTML 9Page - Lattice Semiconductor LC4256B-3FN256BC1 Datasheet HTML 10Page - Lattice Semiconductor LC4256B-3FN256BC1 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
7
Table 5. Product Term Expansion Capability
Every time the super cluster allocator is used, there is an incremental delay of tEXP. When the super cluster alloca-
tor is used, all destinations other than the one being steered to, are given the value of ground (i.e., if the super clus-
ter is steered to M (n+4), then M (n) is ground).
Macrocell
The 16 macrocells in the GLB are driven by the 16 outputs from the logic allocator. Each macrocell contains a pro-
grammable XOR gate, a programmable register/latch, along with routing for the logic and control functions.
Figure 5 shows a graphical representation of the macrocell. The macrocells feed the ORP and GRP. A direct input
from the I/O cell allows designers to use the macrocell to construct high-speed input registers. A programmable
delay in this path allows designers to choose between the fastest possible set-up time and zero hold time.
Figure 5. Macrocell
Enhanced Clock Multiplexer
The clock input to the flip-flop can select any of the four block clocks along with the shared PT clock, and true and
complement forms of the optional individual term clock. An 8:1 multiplexer structure is used to select the clock. The
eight sources for the clock multiplexer are as follows:
• Block CLK0
• Block CLK1
Expansion
Chains
Macrocells Associated with Expansion Chain
(with Wrap Around)
Max PT/
Macrocell
Chain-0
M0
→ M4 → M8 → M12 → M0
75
Chain-1
M1
→ M5 → M9 → M13 → M1
80
Chain-2
M2
→ M6 → M10 → M14 → M2
75
Chain-3
M3
→ M7 → M11 → M15 → M3
70
Single PT
Block CLK0
Block CLK1
Block CLK2
Block CLK3
PT Clock (optional)
Shared PT Clock
CE
D/T/L
Q
RP
Shared PT Initialization
PT Initialization/CE (optional)
PT Initialization (optional)
From Logic Allocator
Power-up
Initialization
To ORP
To GRP
From I/O Cell
Delay


유사한 부품 번호 - LC4256B-3FN256BC1

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC4256B-3F256AC LATTICE-LC4256B-3F256AC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-3F256BC LATTICE-LC4256B-3F256BC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

유사한 설명 - LC4256B-3FN256BC1

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com