전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC4256B-3TN176C 데이터시트(PDF) 11 Page - Lattice Semiconductor

부품명 LC4256B-3TN176C
상세설명  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-3TN176C 데이터시트(HTML) 11 Page - Lattice Semiconductor

Back Button LC4256B-3TN176C Datasheet HTML 7Page - Lattice Semiconductor LC4256B-3TN176C Datasheet HTML 8Page - Lattice Semiconductor LC4256B-3TN176C Datasheet HTML 9Page - Lattice Semiconductor LC4256B-3TN176C Datasheet HTML 10Page - Lattice Semiconductor LC4256B-3TN176C Datasheet HTML 11Page - Lattice Semiconductor LC4256B-3TN176C Datasheet HTML 12Page - Lattice Semiconductor LC4256B-3TN176C Datasheet HTML 13Page - Lattice Semiconductor LC4256B-3TN176C Datasheet HTML 14Page - Lattice Semiconductor LC4256B-3TN176C Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
11
Table 10. ORP Combinations for I/O Blocks with 12 I/Os
ORP Bypass and Fast Output Multiplexers
The ORP bypass and fast-path output multiplexer is a 4:1 multiplexer and allows the 5-PT fast path to bypass the
ORP and be connected directly to the pin with either the regular output or the inverted output. This multiplexer also
allows the register output to bypass the ORP to achieve faster tCO.
Output Enable Routing Multiplexers
The OE Routing Pool provides the corresponding local output enable (OE) product term to the I/O cell.
I/O Cell
The I/O cell contains the following programmable elements: output buffer, input buffer, OE multiplexer and bus
maintenance circuitry. Figure 8 details the I/O cell.
Figure 8. I/O Cell
Each output supports a variety of output standards dependent on the VCCO supplied to its I/O bank. Outputs can
also be configured for open drain operation. Each input can be programmed to support a variety of standards, inde-
pendent of the VCCO supplied to its I/O bank. The I/O standards supported are:
I/O Cell
Available Macrocells
I/O 0
M0, M1, M2, M3, M4, M5, M6, M7
I/O 1
M1, M2, M3, M4, M5, M6, M7, M8
I/O 2
M2, M3, M4, M5, M6, M7, M8, M9
I/O 3
M4, M5, M6, M7, M8, M9, M10, M11
I/O 4
M5, M6, M7, M8, M9, M10, M11, M12
I/O 5
M6, M7, M8, M9, M10, M11, M12, M13
I/O 6
M8, M9, M10, M11, M12, M13, M14, M15
I/O 7
M9, M10, M11, M12, M13, M14, M15, M0
I/O 8
M10, M11, M12, M13, M14, M15, M0, M1
I/O 9
M12, M13, M14, M15, M0, M1, M2, M3
I/O 10
M13, M14, M15, M0, M1, M2, M3, M4
I/O 11
M14, M15, M0, M1, M2, M3, M4, M5
GOE 0
From ORP
*Global fuses
From ORP
To Macrocell
To GRP
GOE 1
GOE 2
GOE 3
VCC
VCCO
VCCO
**
*


유사한 부품 번호 - LC4256B-3TN176C

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC4256B-3T100C LATTICE-LC4256B-3T100C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-3T176C LATTICE-LC4256B-3T176C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

유사한 설명 - LC4256B-3TN176C

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com