전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5768MC-5FN672I 데이터시트(PDF) 54 Page - Lattice Semiconductor

부품명 LC5768MC-5FN672I
상세설명  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5768MC-5FN672I 데이터시트(HTML) 54 Page - Lattice Semiconductor

Back Button LC5768MC-5FN672I Datasheet HTML 50Page - Lattice Semiconductor LC5768MC-5FN672I Datasheet HTML 51Page - Lattice Semiconductor LC5768MC-5FN672I Datasheet HTML 52Page - Lattice Semiconductor LC5768MC-5FN672I Datasheet HTML 53Page - Lattice Semiconductor LC5768MC-5FN672I Datasheet HTML 54Page - Lattice Semiconductor LC5768MC-5FN672I Datasheet HTML 55Page - Lattice Semiconductor LC5768MC-5FN672I Datasheet HTML 56Page - Lattice Semiconductor LC5768MC-5FN672I Datasheet HTML 57Page - Lattice Semiconductor LC5768MC-5FN672I Datasheet HTML 58Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
54
3
34N
E30
-
-
E31
H14
3
34P
E28
-
-
E29
G16
3
35N
E26
-
-
E27
G15
3
35P
E24/PLL_FBK1
-
-
E25
F15
3
36N
E22/PLL_RST1
E27
F27
E23
H12
3
36P
E21
E26
F26
-
G14
-
-
GND (Bank 3)
-
-
-
GND (Bank 3)
3
37N
E20
E25
F25
-
F16
-
-
VCCO3
-
-
-
VCCO3
3
37P
E18
E24
F24
E19
E16
-
-
GND
-
-
-
GND
3
38N
E16
E23
F23
E17
G13
3
38P
E14
E22
F22
E15
G12
3
39N
E12
E21
F21
E13
F14
3
39P
E10/CLK_OUT1
E20
F20
E11
E15
-
-
VCC
-
-
-
VCC
3
40N
E8
E19
F19
E9
D12
3
40P
E6
E18
F18
E7
B14
3
41N
E5
E17
F17
-
C13
3
41P
E4
E16
F16
-
A14
3
42N
E2
E31
F31
E3
A13
3
42P
E0
E30
F30
E1
B13
-
-
GND (Bank 3)
-
-
-
GND (Bank 3)
-
-
VCCO3
-
-
-
VCCO3
3
43N
F30
E15
F15
F31
B11
3
43P
F28
E14
F14
F29
C11
3
44N
F26
E13
F13
F27
B10
3
44P
F24
E12
F12
F25
A10
3
45N
F22
E11
F11
F23
C10
3
45P
F21
E10
F10
-
D10
3
46N
F20
E9
F9
-
C9
3
46P
F18
E8
F8
F19
E9
3
47N
F16/VREF3
E29
F29
F17
D9
3
47P
F14
E28
F28
F15
F9
3
48N
F12
E7
F7
F13
A9
3
48P
F10
E6
F6
F11
F8
-
-
GND (Bank 3)
-
-
-
GND (Bank 3)
3
49N
F8
E5
F5
F9
E8
-
-
VCCO3
-
-
-
VCCO3
3
49P
F6
E4
F4
F7
A8
3
50N
F5
E3
F3
-
B9
3
50P
F4
E2
F2
-
D8
-
-
VCC
-
-
-
VCC
ispXPLD 5256MX Logic Signal Connections (Continued)
sysIO Bank
LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate Input
256 fpBGA
Ball Number
Macrocell 1
Macrocell 2


유사한 부품 번호 - LC5768MC-5FN672I

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5768MC-5F256C LATTICE-LC5768MC-5F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5768MC-5F484C LATTICE-LC5768MC-5F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

유사한 설명 - LC5768MC-5FN672I

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com