전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6795MPBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF6795MPBF
상세설명  HEXFET Power MOSFET plus Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6795MPBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF6795MPBF Datasheet HTML 1Page - International Rectifier IRF6795MPBF Datasheet HTML 2Page - International Rectifier IRF6795MPBF Datasheet HTML 3Page - International Rectifier IRF6795MPBF Datasheet HTML 4Page - International Rectifier IRF6795MPBF Datasheet HTML 5Page - International Rectifier IRF6795MPBF Datasheet HTML 6Page - International Rectifier IRF6795MPBF Datasheet HTML 7Page - International Rectifier IRF6795MPBF Datasheet HTML 8Page - International Rectifier IRF6795MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6795MTRPbF
2
www.irf.com
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
11
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.4
1.8
m
–––
2.4
3.2
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-4.2
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
500
µA
–––
–––
5.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
100
–––
–––
S
Qg
Total Gate Charge
–––
35
53
Qgs1
Pre-Vth Gate-to-Source Charge
–––
8.8
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.8
–––
nC
Qgd
Gate-to-Drain Charge
–––
10
–––
Qgodr
Gate Charge Overdrive
–––
11
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
14.8
–––
Qoss
Output Charge
–––
27
–––
nC
RG
Gate Resistance
–––
1.3
2.2
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––
27
–––
ns
td(off)
Turn-Off Delay Time
–––
16
–––
tf
Fall Time
–––
11
–––
Ciss
Input Capacitance
–––
4280
–––
Coss
Output Capacitance
–––
1280
–––
pF
Crss
Reverse Transfer Capacitance
–––
550
–––
Diode Characteristics
Parameter
Min.
Typ. Max. Units
IS
Continuous Source Current
–––
–––
140
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
250
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
–––
0.75
V
trr
Reverse Recovery Time
–––
27
41
ns
Qrr
Reverse Recovery Charge
–––
34
51
nC
di/dt = 200A/µs
i
TJ = 25°C, IS = 25A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 25A i
VDS = VGS, ID = 10mA
VDS = VGS, ID = 100µA
TJ = 25°C, IF = 25A
VGS = 4.5V
ID = 25A
VGS = 0V
VDS = 13V
ID = 25A
VDD = 13V, VGS = 4.5V
Ãi
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mA
VGS = 10V, ID = 32A i
VGS = 20V
VGS = -20V
VDS = 20V, VGS = 0V
VDS = 13V
VDS = 20V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG = 1.8
VDS = 13V, ID = 25A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


유사한 부품 번호 - IRF6795MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6795MPbF IRF-IRF6795MPbF Datasheet
268Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6795MPBF IRF-IRF6795MPBF_10 Datasheet
268Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF_15 Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
More results

유사한 설명 - IRF6795MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6691 IRF-IRF6691 Datasheet
228Kb / 10P
   HEXFET Power MOSFET plus Schottky Diode
IRF6898MPBF IRF-IRF6898MPBF Datasheet
249Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8302MPBF IRF-IRF8302MPBF Datasheet
274Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF_10 Datasheet
268Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF_15 Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6794MPBF IRF-IRF6794MPBF Datasheet
321Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6728MPBF IRF-IRF6728MPBF Datasheet
253Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6729MPBF IRF-IRF6729MPBF Datasheet
250Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com