전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6795MPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF6795MPBF
상세설명  HEXFET Power MOSFET plus Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6795MPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF6795MPBF Datasheet HTML 1Page - International Rectifier IRF6795MPBF Datasheet HTML 2Page - International Rectifier IRF6795MPBF Datasheet HTML 3Page - International Rectifier IRF6795MPBF Datasheet HTML 4Page - International Rectifier IRF6795MPBF Datasheet HTML 5Page - International Rectifier IRF6795MPBF Datasheet HTML 6Page - International Rectifier IRF6795MPBF Datasheet HTML 7Page - International Rectifier IRF6795MPBF Datasheet HTML 8Page - International Rectifier IRF6795MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
05/27/08
IRF6795MPbF
IRF6795MTRPbF
HEXFET® Power MOSFET plus Schottky Diode
‚
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

Fig 1. Typical On-Resistance vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical Total Gate Charge vs. Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ T
C measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting T
J = 25°C, L = 0.60mH, RG = 25Ω, IAS = 25A.
Notes:
DirectFET
™ ISOMETRIC
MX
PD - 97321
SQ
SX
ST
MQ
MX
MT
MP
VDSS
VGS
RDS(on)
RDS(on)
25V max
±20V max
1.4m
Ω@ 10V 2.4mΩ@ 4.5V
Description
The IRF6795MPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
the lowest on-state resistance in a package that has the footprint of a SO-8 and only 0.7 mm profile. The DirectFET package is compatible
with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering
techniques. Application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual
sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6795MPbF balances industry leading on-state resistance while minimizing gate charge along with ultra low package inductance to
reduce both conduction and switching losses. This part contains an integrated Schottky diode to reduce the Qrr of the body drain diode further
reducing the losses in a Synchronous Buck circuit. The reduced losses make this product ideal for high frequency/high efficiency DC-DC
converters that power high current loads such as the latest generation of microprocessors. The IRF6795MPbF has been optimized for
parameters that are critical in synchronous buck converter’s Sync FET sockets.
l RoHs Compliant Containing No Lead and Bromide

l Integrated Monolithic Schottky Diode
l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Sync. FET socket of Sync. Buck Converter

l Low Conduction and Switching Losses
l Compatible with existing Surface Mount Techniques

l 100% Rg tested
Qg tot
Qgd
Qgs2
Qrr
Qoss
Vgs(th)
35nC
10nC
4.8nC
34nC
27nC
1.8V
0
10
203040
50607080
90
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 25A
0
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
1
2
3
4
5
6
ID = 32A
TJ = 25°C
TJ = 125°C
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
25
Max.
25
160
250
±20
25
32
190


유사한 부품 번호 - IRF6795MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6795MPbF IRF-IRF6795MPbF Datasheet
268Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
IRF6795MPBF IRF-IRF6795MPBF_10 Datasheet
268Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF_15 Datasheet
268Kb / 9P
   RoHS Compliant Containing No Lead and Halogen Free
More results

유사한 설명 - IRF6795MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6691 IRF-IRF6691 Datasheet
228Kb / 10P
   HEXFET Power MOSFET plus Schottky Diode
IRF6898MPBF IRF-IRF6898MPBF Datasheet
249Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8302MPBF IRF-IRF8302MPBF Datasheet
274Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6795MPBF IRF-IRF6795MPBF_10 Datasheet
268Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF_15 Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6798MPBF IRF-IRF6798MPBF Datasheet
255Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6794MPBF IRF-IRF6794MPBF Datasheet
321Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6728MPBF IRF-IRF6728MPBF Datasheet
253Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF6729MPBF IRF-IRF6729MPBF Datasheet
250Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
IRF8306MPBF IRF-IRF8306MPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET plus Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com