전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2108MPX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN2108MPX
상세설명  TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2108MPX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN2108MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2108MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2108 • Rev. 1.0.0
2
Typical Application
Figure 1. Typical Application Diagram
Block Diagram
Figure 2. Block Diagram


유사한 부품 번호 - FAN2108MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2108MPX FAIRCHILD-FAN2108MPX_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

유사한 설명 - FAN2108MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com