전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3223TMPX 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN3223TMPX
상세설명  Dual 4A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3223TMPX 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN3223TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3223TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3223TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3223TMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN3223TMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN3223TMPX Datasheet HTML 11Page - Fairchild Semiconductor FAN3223TMPX Datasheet HTML 12Page - Fairchild Semiconductor FAN3223TMPX Datasheet HTML 13Page - Fairchild Semiconductor FAN3223TMPX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225 • Rev. 1.0.5
10
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12V unless otherwise noted.
Figure 15. IDD (2.2nF Load) vs. Frequency
Figure 16. IDD (2.2nF Load) vs. Frequency
Figure 17. IDD (Static) vs. Temperature
(12)
Figure 18. IDD (Static) vs. Temperature
(12)
Figure 19. IDD (Static) vs. Temperature
(12)


유사한 부품 번호 - FAN3223TMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3223TMPX FAIRCHILD-FAN3223TMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223TMPX FAIRCHILD-FAN3223TMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3223TMPX ONSEMI-FAN3223TMPX Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
More results

유사한 설명 - FAN3223TMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com